Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETC1-1-10 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # ETC1-1-10
Description  E-Series RF 1:1 Transformer 1710 - 1910 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

ETC1-1-10 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  ETC1-1-10 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. ETC1-1-10 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-Series RF 1:1 Transformer
1710 – 1910 MHz
V1
ETC1-1-10
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to
the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Pin Configuration
Pin No.
Function
1
Secondary Dot
2
Not Connected
3
Secondary
4
Primary
5
Primary Dot
Schematic
Input Impedance
Phase Unbalance
Typical Performance Curves
Insertion Loss
Amplitude Unbalance


Similar Part No. - ETC1-1-10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1-1-10 MACOM-ETC1-1-10 Datasheet
147Kb / 2P
   E-Series RF 1:1 Transformer 1710 - 1910 MHz
ETC1-1-10TR MACOM-ETC1-1-10TR Datasheet
165Kb / 2P
   E-Series 1:1 Transformer 1710 - 1910 MHz
ETC1-1-10 MACOM-ETC1-1-10_1 Datasheet
165Kb / 2P
   E-Series 1:1 Transformer 1710 - 1910 MHz
More results

Similar Description - ETC1-1-10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1-1-10 MACOM-ETC1-1-10 Datasheet
147Kb / 2P
   E-Series RF 1:1 Transformer 1710 - 1910 MHz
ETC1-1-10 MACOM-ETC1-1-10_1 Datasheet
165Kb / 2P
   E-Series 1:1 Transformer 1710 - 1910 MHz
ETC1-1-13 MACOM-ETC1-1-13_1 Datasheet
161Kb / 2P
   E-Series 1:1 Transmission Line Transformer 1710 - 1910 MHz
logo
M/A-COM Technology Solu...
ETC1-1T-5 MA-COM-ETC1-1T-5 Datasheet
84Kb / 2P
   E-Series RF 1:1 Transformer 2- 500 MHz
ETC1-1T-75 MA-COM-ETC1-1T-75 Datasheet
81Kb / 1P
   E-Series RF 1:1 Transformer 40 - 1000 MHz
MABA-009180-500MHZ MA-COM-MABA-009180-500MHZ Datasheet
96Kb / 3P
   E-Series RF 1:1 Transformer 0.4-500 MHz
logo
Tyco Electronics
ETC1-1-6 MACOM-ETC1-1-6 Datasheet
146Kb / 2P
   E-Series RF 1:1 Transformer 760 - 960 MHz
ETC1-1T-75-1 MACOM-ETC1-1T-75-1 Datasheet
352Kb / 1P
   E-Series RF 1:1 Transformer 5 - 1000 MHz
ETC1-1T-75 MACOM-ETC1-1T-75 Datasheet
29Kb / 1P
   E-Series RF 1:1 Transformer 40 - 1000 MHz
ETC1-1T-2 MACOM-ETC1-1T-2 Datasheet
58Kb / 2P
   E-Series RF 1:1 Transformer 0.05 - 3 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com