Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETC9-1T-5 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # ETC9-1T-5
Description  E-Series 1:9 Transformer 10 - 75 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

ETC9-1T-5 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  ETC9-1T-5 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. ETC9-1T-5 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-Series RF 1:9 Transformer — 10 - 75 MHz
ETC9-1T-5
S 0806 F
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating Temperature
-20°C to +85°C
Storage Temperature
-20°C to +85°C
Functional Configuration
Function
Pin No.
Secondary Dot
1
Secondary CT
2
Secondary
3
Primary
4
Primary Dot
5
Typical Performance @ 25°C
Amplitude Unbalance
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
10.00
23.00
36.00
49.00
62.00
75.00
(MHz)
Phase Unbalance
170.00
175.00
180.00
185.00
190.00
10.00
23.00
36.00
49.00
62.00
75.00
Frequency (MHz)
-30.00
-24.00
-18.00
-12.00
-6.00
0.00
10.00
23.00
36.00
49.00
62.00
75.00
(MHz)
Return Loss
0.00
0.20
0.40
0.60
0.80
1.00
10.00
23.00
36.00
49.00
62.00
75.00
Frequency (MHz)
Insertion Loss


Similar Part No. - ETC9-1T-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC9-1T-5 MACOM-ETC9-1T-5 Datasheet
73Kb / 2P
   E-Series 1:9 Transformer 10 - 75 MHz
ETC9-1T-5 MACOM-ETC9-1T-5 Datasheet
58Kb / 2P
   E-Series RF 1:4 Transformer 10 - 75 MHz
ETC9-1T-5TR MACOM-ETC9-1T-5TR Datasheet
58Kb / 2P
   E-Series RF 1:4 Transformer 10 - 75 MHz
ETC9-1T-5 MACOM-ETC9-1T-5_1 Datasheet
58Kb / 2P
   E-Series RF 1:4 Transformer 10 - 75 MHz
More results

Similar Description - ETC9-1T-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC9-1T-5 MACOM-ETC9-1T-5 Datasheet
73Kb / 2P
   E-Series 1:9 Transformer 10 - 75 MHz
ETC9-1T-5 MACOM-ETC9-1T-5_1 Datasheet
58Kb / 2P
   E-Series RF 1:4 Transformer 10 - 75 MHz
logo
M/A-COM Technology Solu...
ETC3-1 MA-COM-ETC3-1 Datasheet
81Kb / 1P
   E-Series RF 3:1 Transformer 10 - 440 MHz
logo
Tyco Electronics
ETC2-1-4 MACOM-ETC2-1-4 Datasheet
34Kb / 1P
   E-Series RF 2:1 Transformer 10 - 1000 MHz
ETC3-1 MACOM-ETC3-1 Datasheet
101Kb / 1P
   E-Series RF 3:1 Transformer 10 - 440 MHz
ETC9-1T-2 MACOM-ETC9-1T-2 Datasheet
100Kb / 1P
   5 - 50 MHz E-Series RF 9 Transformer
ETC1-1-10 MACOM-ETC1-1-10_1 Datasheet
165Kb / 2P
   E-Series 1:1 Transformer 1710 - 1910 MHz
ETC1-1T-5 MACOM-ETC1-1T-5_1 Datasheet
59Kb / 2P
   E-Series 1:1 Transformer 2 - 500 MHz
logo
M/A-COM Technology Solu...
ETC1-1T-5 MA-COM-ETC1-1T-5 Datasheet
84Kb / 2P
   E-Series RF 1:1 Transformer 2- 500 MHz
ETC1-1T-75 MA-COM-ETC1-1T-75 Datasheet
81Kb / 1P
   E-Series RF 1:1 Transformer 40 - 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com