Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4EXP950H1-1277T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4EXP950H1-1277T
Description  Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4EXP950H1-1277T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4EXP950H1-1277T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4EXP950H1-1277T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4EXP950H1-1277T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4EXP950H1-1277T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Silicon Double Balanced HMIC Mixer
850 - 1050 MHz
Rev. V2
MA4EXP950H1-1277T
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• + 35 dBm Typical Input IP3
• 8. 3 dB Typical Conversion Loss
• + 15 to + 19 dBm LO Drive
• Fully Balanced Passive Mixer
• NO External Matching Required
• Low Cost Miniature Plastic MLP Package
• RoHS* Compliant with 260 °C. Reflow Capability
• 100% MATTE Tin Plating
Description and Applications
M/A-COM's
MA4EXP950H1-1277T
is
a
silicon
monolithic 850-1050 MHz, high barrier, double
balanced mixer in a low cost, miniature surface
mount FQFP-N 3mm Square, 16 lead plastic
package. The die uses M/A-COM’s unique HMIC
silicon/glass process to realize low loss passive
elements while retaining the advantages of high
barrier silicon schottky barrier diodes to produce a
compact device.
These mixers are well suited for GSM and CDMA
cellular basestation infrastructure applications where
small size and high performance is required.
Typical applications include frequency conversion,
modulation, and demodulation in wireless receivers
and transmitters.
MLP 3mm Package
(Circuit Side View)
Absolute Maximum Ratings
1,2
Parameter
Maximum Ratings
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
Incident LO Power
+20 dBm C.W.
Incident RF Power
+20 dBm C.W.
Soldering Temperature
+260 °C
1. Exceeding these limits may cause permanent damage.
2. Please refer to application note M538 for surface mounting
instructions.
Mixer Schematic
PIN 1
PIN 16
PIN Configuration
PIN
Function
PIN
Function
1
N/C
9
N/C
2
N/C
10
RF
3
LO
11
N/C
4
N/C
12
N/C
5
N/C
13
N/C
6
N/C
14
IF
7
N/C
15
N/C
8
N/C
16
N/C
Ordering Information
Part Number
Package
MA4EXP950H1-1277T
Tape and Reel
LO
IF
RF
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MA4EXP950H1-1277T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EXP950H1-1277T MACOM-MA4EXP950H1-1277T Datasheet
93Kb / 4P
   Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
logo
M/A-COM Technology Solu...
MA4EXP950H1-1277T MA-COM-MA4EXP950H1-1277T Datasheet
97Kb / 4P
   Silicon Double Balanced HMIC Mixer
MA4EXP950H1-1277T_V3 MA-COM-MA4EXP950H1-1277T_V3 Datasheet
97Kb / 4P
   Silicon Double Balanced HMIC Mixer
More results

Similar Description - MA4EXP950H1-1277T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-090950-1277LT MA-COM-MAMX-090950-1277LT Datasheet
91Kb / 4P
   Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
MA4EXP950M-1277T MA-COM-MA4EXP950M-1277T Datasheet
89Kb / 5P
   Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
MA4EXP950L-1277T MA-COM-MA4EXP950L-1277T Datasheet
90Kb / 5P
   Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
logo
Tyco Electronics
MA4EXP950H1-1277T MACOM-MA4EXP950H1-1277T Datasheet
93Kb / 4P
   Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
MA4EXP950H-1277 MACOM-MA4EXP950H-1277 Datasheet
73Kb / 3P
   Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
MA4EXP950M-1277 MACOM-MA4EXP950M-1277 Datasheet
141Kb / 5P
   Silicon Double Balanced HMIC Mixer, 850 - 1050 MHz
MAMX-090950-1277LT MACOM-MAMX-090950-1277LT Datasheet
130Kb / 4P
   Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T_V3 MA-COM-MA4EX190H1-1225T_V3 Datasheet
93Kb / 3P
   Silicon Double Balanced HMIC Mixer
MAMX-090950-1277LT MA-COM-MAMX-090950-1277LT Datasheet
91Kb / 4P
   Silicon Double Balanced HMIC Mixer
MA4EX580L-1225T MA-COM-MA4EX580L-1225T Datasheet
86Kb / 3P
   Silicon Double Balanced HMIC Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com