Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD-PSR4-LA1-CF Datasheet(PDF) 3 Page - DDK Ltd.

Part # SCD-PSR4-LA1-CF
Description  SC Type Optical Fiber Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

SCD-PSR4-LA1-CF Datasheet(HTML) 3 Page - DDK Ltd.

  SCD-PSR4-LA1-CF Datasheet HTML 1Page - DDK Ltd. SCD-PSR4-LA1-CF Datasheet HTML 2Page - DDK Ltd. SCD-PSR4-LA1-CF Datasheet HTML 3Page - DDK Ltd. SCD-PSR4-LA1-CF Datasheet HTML 4Page - DDK Ltd. SCD-PSR4-LA1-CF Datasheet HTML 5Page - DDK Ltd. SCD-PSR4-LA1-CF Datasheet HTML 6Page - DDK Ltd. SCD-PSR4-LA1-CF Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
 
SCD Series
Unit : mm
SCD-PH□□-□□□-CF
Note: This plug housing has no ferrule.
■Plug Housing
P/N
Outer
housing
Inner diameter
of boots
Material of
stop ring
outer sheath
fixing method
Color of boots
Cap type
SCD-PHR3-□□□-CF
Yes
1.7
Metal
Bonding
Blue, light purple, yellow, white
None, vinyl chloride, ferrule, hard
SCD-PHR4-□□□-CF
Yes
1.7
Metal
Crimping
Blue, light purple, yellow, white
None, vinyl chloride, ferrule, hard
SCD-PHM3-□□□-CF
Yes
2.2
Metal
Bonding
Blue, light purple, yellow, white
None, vinyl chloride, ferrule, hard
SCD-PHM4-□□□-CF
Yes
2.2
Metal
Crimping
Blue, light purple, yellow, white
None, vinyl chloride, ferrule, hard
SCD-PHP3-□□□-CF
Yes
3.1
Metal
Bonding
Blue, light purple, yellow, white
None, vinyl chloride, ferrule, hard
SCD-PHP4-□□□-CF
Yes
3.1
Metal
Crimping
Blue, light purple, yellow, white
None, vinyl chloride, ferrule, hard
SCD-PHF-□□□-CF
Yes
0.9
Metal
Blue, light purple, yellow, white
None, vinyl chloride, ferrule, hard
SCD-PHM1-BL1-CF
Material of stop ring/outer sheath fixing method
3: Metal/bonding
4: Metal/crimping
Color of boots
BL: Blue
LA: Light purple
YE: Yellow
WH: White
Inner diameter of boots
R : φ1.7
M : φ2.2
P : φ3.1
F : φ0.9
H: With outer housing (single-channel)
S: With no finger-grip
Cap type
0: No cap
1: Vinyl chloride cap
2: Ferrule cap
3: Hard cap
7.39
0.9
55
25
3
SCD


Similar Part No. - SCD-PSR4-LA1-CF

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SCD-102-501AVN LEIDITECH-SCD-102-501AVN Datasheet
332Kb / 1P
   Leaded disks ceramic PTC
logo
Richco, Inc.
SCD-1521 RICHCO-SCD-1521 Datasheet
58Kb / 1P
   SINGLE CABLE DUCT
logo
Socay Electornics Co., ...
SCD-181M SOCAY-SCD-181M Datasheet
105Kb / 5P
   Spark Gap Protectors (SPG)
SCD-181N SOCAY-SCD-181N Datasheet
105Kb / 5P
   Spark Gap Protectors (SPG)
SCD-201M SOCAY-SCD-201M Datasheet
105Kb / 5P
   Spark Gap Protectors (SPG)
More results

Similar Description - SCD-PSR4-LA1-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
FCN-PD-095-CF DDK-FCN-PD-095-CF Datasheet
365Kb / 6P
   FC Type Optical-Fiber Connector
logo
Hirose Electric
HSC-AT11CS-A01 HIROSE-HSC-AT11CS-A01 Datasheet
163Kb / 2P
   SC-Type Optical Fixed Attenuators
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
   SC Type Fiber Optic Connectors
HSC HIROSE-HSC Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
logo
Sharp Corporation
GP1FAV50TK0F SHARP-GP1FAV50TK0F Datasheet
23Kb / 1P
   Cost competitive, Popular type Optical Fiber Transmitter
logo
Roithner LaserTechnik G...
FCC-6512-5 ROITHNER-FCC-6512-5 Datasheet
99Kb / 2P
   Optical Fiber Checker
logo
OPLINK Communications I...
DURA-S0317 OPLINK-DURA-S0317 Datasheet
176Kb / 2P
   Optical Fiber Switch
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
OPLINK Communications I...
OFMSMM OPLINK-OFMSMM Datasheet
213Kb / 2P
   Optical Fiber Switches
logo
Assmann Electronics Inc...
A-FB-00RLFJ-LC7-1 ASSMANN-A-FB-00RLFJ-LC7-1 Datasheet
57Kb / 1P
   Waterproof Fiber Optical
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com