Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPP480-24-1 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # DPP480-24-1
Description  480W Single Output DIN Rail Mount Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DPP480-24-1 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  DPP480-24-1 Datasheet HTML 1Page - RSG Electronic Components GmbH DPP480-24-1 Datasheet HTML 2Page - RSG Electronic Components GmbH DPP480-24-1 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DPP480 Series
480W Single Output
DIN Rail Mount Power Supplies
Key Market Segments & Applications
Key Market Segments & Applications
Industrial Controls:
Motor Control Systems
Factory Automation:
Process Control, Automotive,
Chemical Processing
Test & Measurement:
Burn in & Test,
Instrumentation Measurement
• Low Cost
• 24 or 48V Outputs
• Wide Range AC Input
• Active PFC
• Parallel Function Switch
• -25 to +71°C Operation
DPP480 Features and Benefits
Features
Benefits
• PFC Compliant to EN61000-3-2
• Supports Global Use
• UL508 Approvals
• Easier System Configuration
• TS35/7.5 or TS35/15 DIN Rail Mounting
• Easy System Integration
DPP480 Series
1
Specifications
MODELS
DPP480-24-1
DPP480-48-1
ITEMS
AC Input Voltage range
VAC
90 - 264VAC
Input Frequency
Hz
47 - 63Hz
DC Input Voltage range
VDC
120 - 370VDC
Inrush Current (115 / 230VAC)
A
25 / 50A
Power Factor
-
Meets EN61000-3-2 Class A, typ 0.99 at 230VAC input
Input Current (115/230VAC)
A
7 / 3.5A
Output Voltage
V
24V
48V
Output Current
A
20A
10A
Output Voltage Adjustment Range
-
22.5 - 28.5V
47 - 56V
Output Voltage Accuracy
%
-0, +1% of Nominal
Line Regulation
%
±0.5%
Load Regulation
%
±0.5% (±5% when set in parallel mode)
Ripple and Noise (20MHz BW)
mV
100mV
Overcurrent Protection (Typ)
-
120 - 140%
Overvoltage Protection
V
30 - 33V
57 - 63V
Hold Up Time (115VAC input)
ms
> 30ms
Efficiency (typ)
%
89%
90%
Parallel operation
-
Set in single or parallel (droop) mode - maximum of 3 units
LED Indicators
-
Green LED = On, Red LED = DC Output Low
DC Good Relay (24V model only)
-
0.3A rated normally open relay contacts, closes when output is above 17.6 - 19.4V
Operating Temperature
--
25 to +71°C (Derate linearly 2.5%/°C from 56 to 71°C)(2)
Storage Temperature
-
-25 to +85°C
Operating Humidity
-
20 - 95% RH (non condensing)
Cooling
(1)
-
Convection
Withstand Voltage
-
Input to Output 3kVAC for 1 min.
Isolation Resistance
-
>100M at 25C & 70%RH, Output to Ground 500VDC
Safety Agency Approvals
-
UL508 Listed, UL60950-1, EN60950-1, CE
Conducted & Radiated EMI
-
EN55022 class B
Weight (Typ)
g
1920g
Size (WxHxD)
mm
175 x 125 x 123
Case material
-
Metal
Warranty
yrs
2 years
Notes:
(1) Recommend 1" clearance on all sides
(2) Derating curve applies for input of 110V and above. For 90V input derating at 4% per deg


Similar Part No. - DPP480-24-1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPP480-24-1 TDK-DPP480-24-1 Datasheet
228Kb / 1P
   AC-DC Power Supplies
June 03, 2022
More results

Similar Description - DPP480-24-1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DRF120 RSG-DRF120 Datasheet
552Kb / 6P
   120W - 480W Single Output DIN Rail Mount Power Supplies
logo
TDK Electronics
DRF120-480 TDK-DRF120-480 Datasheet
853Kb / 2P
   120-480W, 24V Output DIN Rail Mount Power Supplies
logo
Mean Well Enterprises C...
NDR-480 MEANWELL-NDR-480 Datasheet
622Kb / 4P
   480W Single Output Industrial DIN RAIL
WDR-480_1111 MEANWELL-WDR-480_1111 Datasheet
268Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
WDR-480 MEANWELL-WDR-480 Datasheet
268Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
Total Power Internation...
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
ETA-USA
AOFD480 ETA-USA-AOFD480 Datasheet
1Mb / 2P
   480W Din Rail Mount
logo
Total Power Internation...
DRP-480S TOTAL-POWER-DRP-480S Datasheet
227Kb / 2P
   480W Single Output DIN RAIL with PFC Function
logo
RSG Electronic Componen...
DPP120-12 RSG-DPP120-12 Datasheet
403Kb / 3P
   120W & 240W Single Output DIN Rail Mount Power Supplies
logo
Mean Well Enterprises C...
DRP-480S MEANWELL-DRP-480S_09 Datasheet
159Kb / 2P
   480W Single Output DIN RAIL with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com