Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DU1P0-05S12 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # DU1P0-05S12
Description  1 WATT UNREGULATED OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DU1P0-05S12 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  DU1P0-05S12 Datasheet HTML 1Page - RSG Electronic Components GmbH DU1P0-05S12 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER:03
1 / 2
INPUT / OUTPUT ISOLATION UP TO 3KVDC
SUFFIX-N ISOLATION LEVEL REINFORCE
INTERNAL INPUT & OUTPUT FILTER
UL 94-V0 NON-CONDUCTED CASE
HIGH EFFICIENCY FOR LOW POWER APPLICATION
SINGLE-IN-LINE PACKAGE (SIP)
1 WATT UNREGULATED OUTPUT POWER
The DU1P0 series are the standard building blocks for on-board distributed power
systems. They are ideally suited to providing single and dual supplies on primarily
digital boards with added benefit of galvanic isolation to reduce switching noise. All of
the rated power may be drawn from a single pin provided the total load does not
exceed 1 watt.
UL
E193009
TUV R50025187
CB
JPTUV-006003
CE MARK
TECHNICAL SPECIFICA TION All specifications are typical at nominal input, full load and 25ºC otherwise noted
OUTPUT SPECIFICATIONS
Output power
1 Watt max
Voltage accuracy
Full load and nominal Vin
± 5%
Minimum load (Note 1)
10% of FL
Line regulation
LL to HL at Full Load
1.3% / 1% of Vin
Load regulation
20% to 100% FL
5V output
others
± 10%
± 8%
Ripple and noise
20MHz bandwidth
100mVp-p
Temperature coefficient
±0.1% / ºC, max
Short circuit protection
Short term
INPUT SPECIFICATIONS
Input voltage range
5V nominal input
12V nominal input
15V nominal input
24V nominal input
4.5 – 5.5VDC
10.8 – 13.2VDC
13.5 – 16.5VDC
21.6 – 26.4VDC
Input filter
Capacitor
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Standard
1000VDC, min
Suffix-N
3000VDC, min
Isolation resistance
10
9
ohms, min
Isolation capacitance
30pF, max
Switching frequency
60KHz, min
Approvals and standard
IEC60950, UL60950, EN60950
Case material
Non-conductive black plastic
Base material
None
Potting material
Epoxy (UL94-V0)
Dimensions
0.77 X 0.24 X 0.40 Inch
(19.6 X 6.0 X 10.2 mm)
Weight
2.0g (0.071oz)
MTBF (Note 2)
1.471 x 10
7 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
-25ºC ~ +85ºC (with derating)
Storage temperature range
-55ºC ~ +105ºC
Thermal shock
MIL-STD-810D
Vibration
10~55Hz, 10G, 30minutes along X,Y and Z
Relative humidity
5% to 95% RH
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - DU1P0-05S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DU1P0-05S12 ETC-DU1P0-05S12 Datasheet
88Kb / 2P
   1 WATT DC-DC CONVERTER
logo
Astrodyne Corporation
DU1P0-05S12 ASTRODYNE-DU1P0-05S12 Datasheet
374Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
DU1P0-05S12 P-DUKE-DU1P0-05S12 Datasheet
233Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
DU1P0-05S12 P-DUKE-DU1P0-05S12 Datasheet
306Kb / 2P
   1 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
DU1P0-05S12 ASTRODYNE-DU1P0-05S12 Datasheet
171Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
More results

Similar Description - DU1P0-05S12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DUR01-33S33 P-DUKE-DUR01-33S33 Datasheet
235Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
RSG Electronic Componen...
DUR01-33S33 RSG-DUR01-33S33 Datasheet
159Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Power Mate Technology C...
DU1P0-05S05 P-DUKE-DU1P0-05S05 Datasheet
233Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Wall Industries,Inc.
LANEH WALL-LANEH_16 Datasheet
381Kb / 6P
   1 Watt Output Power
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HB01U MURATA-PS-HB01U Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com