Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP10-12 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # DSP10-12
Description  7.5W to 100W Low Profile Din Rail Mount Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DSP10-12 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  DSP10-12 Datasheet HTML 1Page - RSG Electronic Components GmbH DSP10-12 Datasheet HTML 2Page - RSG Electronic Components GmbH DSP10-12 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DSP Series
27
DSP Series
7.5W to 100W Low Profile
Din Rail Mount Power Supplies
Key Market Segments & Applications
Building Services
Alarms and Security,
Automation:
Access and Fire Safety Systems,
Lighting and Environment Control
Systems.
• Low Profile for Building Automation
• 5V to 24V Outputs
• Wide Range AC Input
• -25 to +71°C Operation
• Convection Cooled
• UL1310 Class 2
• Class II Double Insulation
DSP Features and Benefits
Features
Benefits
• Low 56mm Profile
• Fits into wall mounted cabinets
• Wide Range AC
• Global use with no input selector switches
• Full Power at 61˚C
• No derating needed
Specifications
MODEL
DSP10
DSP30
DSP60
DSP100
ITEMS
AC Input Voltage range
VAC
90 - 264VAC, Class II double insulated (No ground connection required)
Input Frequency
Hz
47 - 63Hz
DC Input Voltage range
VDC
120 - 370VDC
Inrush Current (115 / 230VAC)
A
15 / 30A
25 / 50A
30 / 60A
30 / 60A
Power Factor
Meets EN61000-3-2, EN61000-3-3
Output Voltage Accuracy
%
±1% of Nominal
Line Regulation
%
1%
Load Regulation
%
1%
Ripple and Noise (20MHz BW)
mV
50mV(1)
Overcurrent Protection (Typ)
-
110 - 160%, fold forward under short circuit (DSP100-24/C2 102-108%)
Overvoltage Protection
V
120 - 145%
Hold Up Time (115VAC input)
ms
See Model Selector
LED Indicators
-
Green LED = On, Red LED = DC Output Low
Operating Temperature
-
-25 to +71°C (Derate linearly 2.5%/°C from 55 to 71°C)
Temperature Coefficient
%/°C
±0.02%/°C
Storage Temperature
-
-25 to +85°C
Operating Humidity
-
20 - 95% RH (non condensing)
Cooling
-
Convection
Withstand Voltage
-
Input to Output 3kVAC for 1 min.
Isolation Resistance
-
>100M at 25C & 70%RH, Output to Ground 500VDC
Safety Agency Approvals
-
UL1310 Class 2(2), UL508 Listed, UL60950-1, EN60950-1, CE
Immunity
-
EN61000-4-2, -3, -4, -5, -6, -8 & -11
Conducted & Radiated EMI
-
EN55022 class B
EN55022 class A
Weight (Typ)
g
60
200
250
320
Size (WxHxD)
mm
18 x 91 x 55.6
53 x 91x 55.6
71 x 91 x 55.6
90 x 91 x 56.8
Case material
-
Plastic
Warranty
yrs
Two years
Note 1: For DSP100-24/C2 Ripple & Noise measured with Vin 115- 230 Vac
Note 2: Excludes Models: DSP60-5, DSP60-12, DSP100-12, DSP100-15, DSP100-24


Similar Part No. - DSP10-12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DSP10-12 RSG-DSP10-12 Datasheet
462Kb / 4P
   7.5W to 100W Low Profile 7.5W to 100W Low Profile
logo
TDK Electronics
DSP10-12 TDK-DSP10-12 Datasheet
203Kb / 1P
   AC-DC Power Supplies
June 07, 2022
More results

Similar Description - DSP10-12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DSP10 RSG-DSP10 Datasheet
462Kb / 4P
   7.5W to 100W Low Profile 7.5W to 100W Low Profile
DRB15 RSG-DRB15 Datasheet
1Mb / 5P
   15W to 100W Single Output DIN Rail Mount Power Supplies
DPP25-5 RSG-DPP25-5 Datasheet
231Kb / 3P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
List of Unclassifed Man...
DRB15-100 ETC2-DRB15-100 Datasheet
469Kb / 2P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
RSG Electronic Componen...
DPP15 RSG-DPP15 Datasheet
468Kb / 4P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
MORNSUN Science& Techno...
LI05-20B24 MORNSUN-LI05-20B24 Datasheet
457Kb / 2P
   DIN-RAIL POWER SUPPLIES
LI72-20B24 MORNSUN-LI72-20B24 Datasheet
644Kb / 3P
   DIN-RAIL POWER SUPPLIES
logo
TDK Electronics
DPP120-24-1 TDK-DPP120-24-1 Datasheet
579Kb / 2P
   120W 240W DIN Rail Mount Power Supplies
logo
RSG Electronic Componen...
DPP480-24-1 RSG-DPP480-24-1 Datasheet
306Kb / 3P
   480W Single Output DIN Rail Mount Power Supplies
logo
MicroPower Direct, LLC
DR-75 MPD-DR-75 Datasheet
120Kb / 2P
   Low Cost, Industrial 75W, DIN Rail Mount AC/DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com