Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH2931-5M Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # PH2931-5M
Description  Radar Pulsed Power Transistor 5W, 2.9-3.1 GHz, 100關s Pulse, 10% Duty
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PH2931-5M Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  PH2931-5M Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PH2931-5M Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PH2931-5M Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Radar Pulsed Power Transistor
5W, 2.9-3.1 GHz, 100µs Pulse, 10% Duty
M/A-COM Products
Released, 29 Jun 07
PH2931-5M
2
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical RF Performance
F (GHz)
ZIF (Ω)
ZOF (Ω)
2.7
40 - j12
25 + j3.5
2.9
35 - j16
16 + j2.4
3.1
30 - j18
12 + j4.0
RF Test Fixture Impedance
Freq.
(GHz)
Pin
(W)
Pout
(W)
Gain
(dB)
Ic
(A)
Eff
(%)
RL
(dB)
VSWR-S
(1.5:1)
VSWR-T
(3:1)
2.9
1.0
6.1
7.83
0.50
33.5
-16.7
S
P
3.1
1.0
6.2
7.89
0.51
33.8
-20.5
S
P


Similar Part No. - PH2931-5M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2931-5M MACOM-PH2931-5M Datasheet
163Kb / 2P
   Radar Pulsed Power Transistor,5W,100ms Pulse, 10% Duty 2.9-3.1 GHz
More results

Similar Description - PH2931-5M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2931-5M MACOM-PH2931-5M Datasheet
163Kb / 2P
   Radar Pulsed Power Transistor,5W,100ms Pulse, 10% Duty 2.9-3.1 GHz
logo
M/A-COM Technology Solu...
PH2729-5M MA-COM-PH2729-5M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 5W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2931-20M MA-COM-PH2931-20M Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 20W, 2.9-3.1 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2931-20M MACOM-PH2931-20M Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 20W, 2.9-3.1 GHz, 100關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH3135-5M MA-COM-PH3135-5M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 5W, 3.1-3.5 GHz, 100關s Pulse, 10% Duty
PH2731-5M MA-COM-PH2731-5M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 5W, 2.7-3.1 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2731-5M MACOM-PH2731-5M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 5W, 2.7-3.1 GHz, 100關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH3135-5S MA-COM-PH3135-5S Datasheet
100Kb / 2P
   Radar Pulsed Power Transistor 5W, 3.1-3.5 GHz, 2關s Pulse, 10% Duty
logo
Tyco Electronics
PH2729-150M MACOM-PH2729-150M_07 Datasheet
136Kb / 3P
   Radar Pulsed Power Transistor 150W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-25M MACOM-PH2729-25M Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 25W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com