Electronic Components Datasheet Search |
|
DU1P0-05D12 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH |
|
DU1P0-05D12 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH |
1 / 2 page VER:03 1 / 2 • INPUT / OUTPUT ISOLATION UP TO 3KVDC • SUFFIX-N ISOLATION LEVEL REINFORCE • INTERNAL INPUT & OUTPUT FILTER • UL 94-V0 NON-CONDUCTED CASE • HIGH EFFICIENCY FOR LOW POWER APPLICATION • SINGLE-IN-LINE PACKAGE (SIP) • 1 WATT UNREGULATED OUTPUT POWER The DU1P0 series are the standard building blocks for on-board distributed power systems. They are ideally suited to providing single and dual supplies on primarily digital boards with added benefit of galvanic isolation to reduce switching noise. All of the rated power may be drawn from a single pin provided the total load does not exceed 1 watt. UL E193009 TUV R50025187 CB JPTUV-006003 CE MARK TECHNICAL SPECIFICA TION All specifications are typical at nominal input, full load and 25ºC otherwise noted OUTPUT SPECIFICATIONS Output power 1 Watt max Voltage accuracy Full load and nominal Vin ± 5% Minimum load (Note 1) 10% of FL Line regulation LL to HL at Full Load 1.3% / 1% of Vin Load regulation 20% to 100% FL 5V output others ± 10% ± 8% Ripple and noise 20MHz bandwidth 100mVp-p Temperature coefficient ±0.1% / ºC, max Short circuit protection Short term INPUT SPECIFICATIONS Input voltage range 5V nominal input 12V nominal input 15V nominal input 24V nominal input 4.5 – 5.5VDC 10.8 – 13.2VDC 13.5 – 16.5VDC 21.6 – 26.4VDC Input filter Capacitor GENERAL SPECIFICATIONS Efficiency See table Isolation voltage Input to Output Standard 1000VDC, min Suffix-N 3000VDC, min Isolation resistance 10 9 ohms, min Isolation capacitance 30pF, max Switching frequency 60KHz, min Approvals and standard IEC60950, UL60950, EN60950 Case material Non-conductive black plastic Base material None Potting material Epoxy (UL94-V0) Dimensions 0.77 X 0.24 X 0.40 Inch (19.6 X 6.0 X 10.2 mm) Weight 2.0g (0.071oz) MTBF (Note 2) 1.471 x 10 7 hrs ENVIRONMENTAL SPECIFICATIONS Operating temperature range -25ºC ~ +85ºC (with derating) Storage temperature range -55ºC ~ +105ºC Thermal shock MIL-STD-810D Vibration 10~55Hz, 10G, 30minutes along X,Y and Z Relative humidity 5% to 95% RH RSG ELECTRONIC COMPONENTS RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■ www.rsg-electronic.de Änderungen vorbehalten / subject to change without notice ■ |
Similar Part No. - DU1P0-05D12 |
|
Similar Description - DU1P0-05D12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |