Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR1P5-24D05 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # DR1P5-24D05
Description  All specifications are typical at nominal input, full load and 25C otherwise noted
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DR1P5-24D05 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  DR1P5-24D05 Datasheet HTML 1Page - RSG Electronic Components GmbH DR1P5-24D05 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER:03
1 / 2
FIVE-SIDED EMI SHIELD
STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
500VDC ISOLATION VOLTAGE
HIGH EFFICIENCY UP TO 55%
LOW OUTPUT RIPPLE & NOISE
PI TYPE INPUT FILTER
1.5 WATTS REGULATED OUTPUT POWER
The DR1P5 series offer 1.5 watts of output power from a package in an IC compatible 24
pin DIP configuration without derating to 71ºC ambient temperature and pin to pin
compatible to MKC03 series. DR1P5 series have input voltage of 4.5-5.5, 10.8-13.2 and
21.6-26.4VDC. DR1P5 features 500VDC of isolation voltage. A safety designed meet to
EN60950-1 and UL60950-1. All models are particularly suited to telecommunications,
industrial, mobile telecom and test equipment applications.
TECHNICAL SPECIFICA TION All specifications are typical at nominal input, full load and 25ºC otherwise noted
OUTPUT SPECIFICATIONS
Output power
1.5 Watts max
Voltage accuracy
Full load and nominal Vin
± 4%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.3%
Load regulation
25% to 100% FL
D05 output
others
± 1.5%
± 0.5%
Cross regulation
Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
50mVp-p
Temperature coefficient
±0.02% / ºC, max
Short circuit protection
Short term
INPUT SPECIFICATIONS
Input voltage range
5V nominal input
12V nominal input
24V nominal input
4.5 – 5.5VDC
10.8 – 13.2VDC
21.6 – 26.4VDC
Input filter
Pi type
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
500VDC, min
Isolation resistance
10
9
ohms, min
Isolation capacitance
30pF, max
Switching frequency
20KHz, min
Design meet safety standard
IEC60950-1, UL60950-1,EN60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
DIP
SMD
16g (0.55oz)
18g (0.62oz)
MTBF (Note 1)
5.531 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
-25ºC ~ +71ºC
Maximum case temperature
+100ºC
Storage temperature range
-55ºC ~ +105ºC
Thermal impedance
Nature convection
20ºC/watt
Thermal shock
MIL-STD-810D
Vibration
10~55Hz, 10G, 30minutes along X,Y and Z
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
Conducted emissions
EN55022
Class A
Radiated emissions
EN55022
Class A
ESD
EN61000-4-2
Perf. Criteria B
Radiated immunity
EN61000-4-3
Perf. Criteria A
Fast transient
EN61000-4-4
Perf. Criteria B
Surge
EN61000-4-5
Perf. Criteria B
Conducted immunity
EN61000-4-6
Perf. Criteria A
50
60
70
80
90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
DR1P5-24S05 Derating Curve
Nature convection
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - DR1P5-24D05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DR1P5-24D05 ETC-DR1P5-24D05 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
DR1P5-24D05 ASTRODYNE-DR1P5-24D05 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
DR1P5-24D05 P-DUKE-DR1P5-24D05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
logo
Astrodyne Corporation
DR1P5-24D05 ASTRODYNE-DR1P5-24D05 Datasheet
173Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
More results

Similar Description - DR1P5-24D05

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MT3A VOLGEN-MT3A Datasheet
192Kb / 2P
   All specifications are typical at nominal input, full load and 25쨘C otherwise noted
logo
List of Unclassifed Man...
ECG85 ETC1-ECG85 Datasheet
133Kb / 1P
   Maximum ratings at TC=25c Unless otherwise noted
logo
Texas Instruments
LMP7702MA-NOPB TI-LMP7702MA-NOPB Datasheet
1Mb / 35P
[Old version datasheet]   Unless Otherwise Noted, Typical Values at Vs = 5V
logo
DB Unlimited.
TE044003-1 DBUNLIMITED-TE044003-1 Datasheet
87Kb / 1P
   All dimensions are in mm unless otherwise noted
MM042602-4 DBUNLIMITED-MM042602-4 Datasheet
302Kb / 1P
   All dimensions are in mm unless otherwise noted
TE044003-2 DBUNLIMITED-TE044003-2 Datasheet
88Kb / 1P
   All dimensions are in mm unless otherwise noted
MM042602-5 DBUNLIMITED-MM042602-5 Datasheet
304Kb / 1P
   All dimensions are in mm unless otherwise noted
MM042602-6 DBUNLIMITED-MM042602-6 Datasheet
300Kb / 1P
   All dimensions are in mm unless otherwise noted
logo
Pasternack Enterprises,...
PE3252LF PASTERNACK-PE3252LF Datasheet
79Kb / 1P
   UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33778 PASTERNACK-PE33778 Datasheet
263Kb / 1P
   UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com