Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP10-24 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # DSP10-24
Description  7.5W to 100W Low Profile Din Rail Mount Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DSP10-24 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  DSP10-24 Datasheet HTML 1Page - RSG Electronic Components GmbH DSP10-24 Datasheet HTML 2Page - RSG Electronic Components GmbH DSP10-24 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DSP Series
28
Model Selector
Model
Voltage
Voltage
Current
Power
Efficiency
HoldUp Time
(V)
Adjust (V)
(A)
(W)
(Typ %)
115VAC in (ms)
DSP10-5
5
None
1.5
7.5
74
10
DSP30-5
5
5 - 5.5
3.0
15.0
74
25
DSP60-5
5
5 - 5.5
7.0
35.0
80
16
DSP10-12
12
None
0.83
10.0
78
10
DSP30-12
12
12 - 14
2.1
25.2
82
25
DSP60-12
12
12 - 14
4.5
54.0
84
16
DSP100-12
12
12 - 14
6.0
72.0
82
16
DSP10-15
15
None
0.67
10.1
78
60
DSP30-15
15
13.5 - 16.5
2.0
30.0
83
25
DSP60-15
15
13.5 - 16.5
4.0
60.0
85
12
DSP100-15
15
13.5 - 16.5
5.0
75.0
85
16
DSP10-24
24
None
0.42
10.1
80
60
DSP30-24
24
24 - 28
1.3
31.2
83
25
DSP60-24
24
24 - 28
2.5
60.0
86
12
DSP100-24/C2
24
20 -24.2
3.8
91.2
89
10
DSP100-24
24
24 - 28
4.2
100.8
85
10
mm [inch]
14.20
9.75
43.1
91.00
18.00
12
LN
34
Outline Drawing DSP10 Series
LOCAL DISTRIBUTION
4
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - DSP10-24

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DSP10-24 RSG-DSP10-24 Datasheet
462Kb / 4P
   7.5W to 100W Low Profile 7.5W to 100W Low Profile
logo
TDK Electronics
DSP10-24 TDK-DSP10-24 Datasheet
203Kb / 1P
   AC-DC Power Supplies
June 07, 2022
More results

Similar Description - DSP10-24

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DSP10 RSG-DSP10 Datasheet
462Kb / 4P
   7.5W to 100W Low Profile 7.5W to 100W Low Profile
DRB15 RSG-DRB15 Datasheet
1Mb / 5P
   15W to 100W Single Output DIN Rail Mount Power Supplies
DPP25-5 RSG-DPP25-5 Datasheet
231Kb / 3P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
List of Unclassifed Man...
DRB15-100 ETC2-DRB15-100 Datasheet
469Kb / 2P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
RSG Electronic Componen...
DPP15 RSG-DPP15 Datasheet
468Kb / 4P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
MORNSUN Science& Techno...
LI05-20B24 MORNSUN-LI05-20B24 Datasheet
457Kb / 2P
   DIN-RAIL POWER SUPPLIES
LI72-20B24 MORNSUN-LI72-20B24 Datasheet
644Kb / 3P
   DIN-RAIL POWER SUPPLIES
logo
TDK Electronics
DPP120-24-1 TDK-DPP120-24-1 Datasheet
579Kb / 2P
   120W 240W DIN Rail Mount Power Supplies
logo
RSG Electronic Componen...
DPP480-24-1 RSG-DPP480-24-1 Datasheet
306Kb / 3P
   480W Single Output DIN Rail Mount Power Supplies
logo
MicroPower Direct, LLC
DR-75 MPD-DR-75 Datasheet
120Kb / 2P
   Low Cost, Industrial 75W, DIN Rail Mount AC/DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com