Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-000135-01340W Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-000135-01340W
Description  Silicon PIN Chips
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-000135-01340W Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MADP-000135-01340W Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-000135-01340W Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-000135-01340W Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-000135-01340W Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-000135-01340W Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADP-000135-01340W Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RoHS Compliant
V15
Silicon PIN Chips
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Low Capacitance PIN Specification @ TAMB = +25°C
Part Number
Max. Rev.
Volt.
3
VR <10 µA
VDC
Max.
Cap.
1 MHz
Cj @ -10 V
pF
Max.
Series Res.
500 MHz
RS @ 10 mA
Nominal Characteristics
Carrier
Lifetime
1
TL
ηS
Reverse
Recovery
Time
2
TRR
ηS
I Region
Length
μm
Theta
°C/W
Anode
Dia.
± 0.5
mils
Chip
Size
± 2
mils
Chip
Thk.
± 1
mils
MA4P161-134
100
0.10
1.50
150
15
13
65
3.5
13X13
6
MA4P203-134
100
0.15
1.50
150
25
13
75
3.1
13X13
6
MADP-000165-01340W
200
0.06
2.50
200
20
19
150
1.8
13X13
10
MADP-000135-01340W
200
0.15
1.20
440
44
19
35
3.1
13x13
10
Notes:
1. Nominal carrier life time,TL , specified at IF = + 10mA , IREV = - 6mA.
2. Nominal reverse recovery time specified at IF = + 20mA , IREV = - 200mA.
3. VR ( Reverse Voltage ) is sourced and the resultant reverse leakage current, Ir, is measured to be <10µA.
Attenuator PIN Specification @ TAMB = +25°C
Part Number
Max.
Rev.
Volt.
2
VR <10 µA
VDC
Max. Cap.
1MHz
Cj @ -100 V
pF
Max.
Series
Res.
100MHz
RS @ 10 mA
Nominal Characteristics
Carrier
Lifetime
1
TL
μS
Series
Res
.
100MHz
RS @ 1 mA
Series
Res.
100MHz
RS @ 10 μA
I Region
Length
mils
Theta
°C/W
Anode
Dia.
± 0.5
mils
Chip
Size
± 2
mils
Chip
Thk.
± 1
mils
MA47416-132
200
0.15
6
2
30
2000
4
30
7.5 X7.5
3
19X19
7
MA47418-134
200
0.15
3
1
15
500
2
25
7.5
13X13
7
Notes:
1. Nominal carrier life time,TL, specified at IF = + 10mA, IREV = - 6mA.
2. VR ( Reverse Voltage ) is sourced and the resultant reverse leakage current, IR, is measured to be <10μA.
3. Anode top contact is square.


Similar Part No. - MADP-000135-01340W

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-000208 MA-COM-MADP-000208 Datasheet
109Kb / 4P
   SURMOUNT TM 8?춎 PIN Diode Pair
MADP-000208-13180W MA-COM-MADP-000208-13180W Datasheet
113Kb / 4P
   SURMOUNT TM 8關m PIN Diode Pair RoHS Compliant
MADP-000208-13180W MA-COM-MADP-000208-13180W Datasheet
109Kb / 4P
   SURMOUNT TM 8?춎 PIN Diode Pair
MADP-000208-13180W_V2 MA-COM-MADP-000208-13180W_V2 Datasheet
109Kb / 4P
   SURMOUNT TM 8?춎 PIN Diode Pair
MADP-000208 MA-COM-MADP-000208_15 Datasheet
109Kb / 4P
   PIN Diode Pair
More results

Similar Description - MADP-000135-01340W

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PINDIODESCHIPS MA-COM-PINDIODESCHIPS_15 Datasheet
383Kb / 7P
   Silicon PIN Chips
PINDIODESCHIP MA-COM-PINDIODESCHIP_15 Datasheet
381Kb / 7P
   Silicon PIN Chips
PINDIODESCHIP MA-COM-PINDIODESCHIP Datasheet
381Kb / 7P
   Silicon PIN Chips
PINDIODESCHIPS MA-COM-PINDIODESCHIPS Datasheet
383Kb / 7P
   Silicon PIN Chips
logo
Skyworks Solutions Inc.
APD0505-000 SKYWORKS-APD0505-000 Datasheet
138Kb / 4P
   Silicon PIN Diode Chips
logo
Tyco Electronics
MA4P150 MACOM-MA4P150 Datasheet
506Kb / 5P
   PIN Diode Chips
logo
Microsemi Corporation
MXP3000 MICROSEMI-MXP3000 Datasheet
29Kb / 1P
   GaAs PIN Photodiode Chips
logo
M/A-COM Technology Solu...
MA4GP022-277 MA-COM-MA4GP022-277 Datasheet
338Kb / 6P
   GaAs PIN Diode Chips
logo
Microsemi Corporation
MXP4000 MICROSEMI-MXP4000 Datasheet
172Kb / 1P
   InGaAs/InP PIN Photodiode Chips
logo
Alpha Industries
CDC7630-000 ALPHA-CDC7630-000 Datasheet
305Kb / 3P
   Silicon Schottky Diode Chips
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com