Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT048A480M006TP Datasheet(PDF) 9 Page - Vicor Corporation

Part # VT048A480M006TP
Description  VTM??Current Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VT048A480M006TP Datasheet(HTML) 9 Page - Vicor Corporation

Back Button VT048A480M006TP Datasheet HTML 3Page - Vicor Corporation VT048A480M006TP Datasheet HTML 4Page - Vicor Corporation VT048A480M006TP Datasheet HTML 5Page - Vicor Corporation VT048A480M006TP Datasheet HTML 6Page - Vicor Corporation VT048A480M006TP Datasheet HTML 7Page - Vicor Corporation VT048A480M006TP Datasheet HTML 8Page - Vicor Corporation VT048A480M006TP Datasheet HTML 9Page - Vicor Corporation VT048A480M006TP Datasheet HTML 10Page - Vicor Corporation VT048A480M006TP Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Voltage Transformation Module
VT048A480T006FP
vicorpower.com
Rev. 1.0
Page 9 of 11
BEHAVIORAL MODELS
VI BRICK VTM LEVEL 1 DC BEHAVIORAL MODEL FOR 48 V TO 48 V, 6.3 A
©
VI BRICK VTM LEVEL 2 TRANSIENT BEHAVIORAL MODEL FOR 48 V TO 48 V, 6.3 A
IQ
+
+
VOUT
VIN
VI
K
+
+
IOUT
ROUT
Figure 13 — This model characterizes the DC operation of the VI BRICK VTM, including the converter transfer function and its losses. The model enables estimates
or simulations of output voltage as a function of input voltage and output load, as well as total converter power dissipation or heat generation.
LIN = 5 nH
+
+
VOUT
COUT
VIN
VI
K
+
+
CIN
IOUT
RCOUT
IQ
ROUT
RCIN
Figure 14 — This model characterizes the AC operation of the VI BRICK VTM including response to output load or input voltage transients or steady state
modulations. The model enables estimates or simulations of input and output voltages under transient conditions, including response to a stepped load
with or without external filtering elements.
©
188.0 m
Ω
1• Vin
1 • Iout
58 mA
58 mA
1 • Iout
1 • Vin
188.0 m
Ω
RCIN
1.3 m
Ω
14.8 nH
47.1 m
Ω
RCOUT
0.87 m
Ω
6µF
LOUT = 1.6 nH
4.0 µF


Similar Part No. - VT048A480M006TP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VT048A480T006FP VICOR-VT048A480T006FP Datasheet
287Kb / 2P
   PRM??Regulator and VTM??Current Multiplier Modules
More results

Similar Description - VT048A480M006TP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com