Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-137-PIN Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-137-PIN
Description  GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-137-PIN Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-137-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-137-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-137-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPDT Reflective Switch,
0.01 - 3.0 GHz
Rev. V3
SW-137-PIN
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = -55°C to +85°C
1
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Reference
Insertion Loss
0.01 - 0.5 GHz
0.01 - 1.0 GHz
0.01 - 2.0 GHz
0.01 - 3.0 GHz
dB
dB
dB
dB
0.9
1.0
1.4
1.6
Isolation
0.01 - 0.5 GHz
0.01 - 1.0 GHz
0.01 - 2.0 GHz
0.01 - 3.0 GHz
dB
dB
dB
dB
48
43
37
32
VSWR
0.01 - 0.5 GHz
0.01 - 1.0 GHz
0.01 - 2.0 GHz
0.01 - 3.0 GHz
Ratio
Ratio
Ratio
Ratio
1.25:1
1.4:1
1.7:1
2.0:1
Trise, Tfall
Ton, Toff
Transients
10% to 90%
1.3V Control to 90/10% RF
In-band (peak-peak)
nS
nS
mV
5
22
45
1 dB Compression
0.01 - 3.0 GHz
dBm
+25
Input IP3
For two-tone Input power up to +5 dBm
0.01 - 3.0 GHz
dBm
+46
Input IP2
For two-tone Input power up to +5 dBm
0.01 - 3.0 GHz
dBm
+76
1. All specifications apply when operated with bias voltages of +9V to +15V for Vcc and –9 to –15V for Vee and 50 Ohm imped-
ance at all RF ports unless otherwise specified.
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Vcc
Vee
V
V
+9
-15
+12
-12
+15
-9
Icc
Vcc = +9 to +15V
mA
20.0
Iee
Vee = -9 to -15V
mA
15.0
Vctl
Vctl
Low
High
V
V
0.0
2.0
0.8
5.0
Input Leakage
Current (Low)
0 to 0.8V
µA
1.0
Input Leakage
Current (High)
2.0 to 5.0V
µA
1.0


Similar Part No. - SW-137-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-137-PIN MACOM-SW-137-PIN Datasheet
123Kb / 3P
   GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
More results

Similar Description - SW-137-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-137-PIN MACOM-SW-137-PIN Datasheet
123Kb / 3P
   GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
SW-137 MACOM-SW-137 Datasheet
76Kb / 2P
   GaAs SPDT Reflective Switch 0.01 - 3 GHz
logo
Renesas Technology Corp
PG2406TB RENESAS-PG2406TB_15 Datasheet
246Kb / 15P
   0.01 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2406TK CEL-UPG2406TK_09 Datasheet
554Kb / 12P
   0.01 to 3.0 GHz SPDT SWITCH
UPG2406TK CEL-UPG2406TK Datasheet
554Kb / 12P
   0.01 to 3.0 GHz SPDT SWITCH
logo
NEC
UPG2406TB NEC-UPG2406TB Datasheet
123Kb / 13P
   0.01 to 3.0 GHz SPDT SWITCH
UPG2406T6R NEC-UPG2406T6R Datasheet
128Kb / 13P
   0.01 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2406TK RENESAS-PG2406TK_15 Datasheet
246Kb / 15P
   0.01 to 3.0 GHz SPDT SWITCH
logo
NEC
UPG2406TK NEC-UPG2406TK Datasheet
123Kb / 13P
   0.01 to 3.0 GHz SPDT SWITCH
logo
Skyworks Solutions Inc.
SKY13323-378LF SKYWORKS-SKY13323-378LF Datasheet
178Kb / 9P
   0.1-3.0 GHz GaAs SPDT Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com