Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD-PHM4-YE2-CF Datasheet(PDF) 5 Page - DDK Ltd.

Part # SCD-PHM4-YE2-CF
Description  SC Type Optical Fiber Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

SCD-PHM4-YE2-CF Datasheet(HTML) 5 Page - DDK Ltd.

  SCD-PHM4-YE2-CF Datasheet HTML 1Page - DDK Ltd. SCD-PHM4-YE2-CF Datasheet HTML 2Page - DDK Ltd. SCD-PHM4-YE2-CF Datasheet HTML 3Page - DDK Ltd. SCD-PHM4-YE2-CF Datasheet HTML 4Page - DDK Ltd. SCD-PHM4-YE2-CF Datasheet HTML 5Page - DDK Ltd. SCD-PHM4-YE2-CF Datasheet HTML 6Page - DDK Ltd. SCD-PHM4-YE2-CF Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
 
SCD Series
Unit : mm
Metal Type
Resin Type
Duplex Resin Type
■Adapter
P/N
Material of shell
Split sleeve
Sleeve holder
SCD-AA-100
Zn die-cast
Zirconia
PPS resin
SCD-AA-005
Zn die-cast
Zirconia
PBT resin
SCD-AA-013
Zn die-cast
Phosphoric brass
PPS resin
SCD-AA-001
Zn die-cast
Phosphoric brass
PBT resin
SCD-AA-014
Synthetic resin
Zirconia
PPS resin
SCD-AA-012
Synthetic resin
Zirconia
PBT resin
SCD-AA-011
Synthetic resin
Phosphoric brass
PPS resin
SCD-AA-004
Synthetic resin
Phosphoric brass
PBT resin
P/N
Material of shell
Split sleeve
Sleeve holder
SCD-AC-001
Synthetic resin
Phosphoric brass
PBT resin
2-φ2.3
27.4 ± 0.4
7± 0.1
1.8+ 0.2
0.1
3
9.4+0
- 0.2
7.4+ 0.1
0
9.5
2-φ2.3
2-φ2.3
27.4 ± 0.4
7± 0.1
1.8+ 0.2
0.1
3
9.4+0
- 0.2
7.4+ 0.1
0
Reference dimensions of
mounting holes
2-φ2
2-φ2.3
27.4 ± 0.4
7± 0.1
1.8+ 0.2
0.1
7.4+ 0.1
0
0
9.5+ 0.5
0
9.4
orφ2.4 + 0.2
Reference dimensions of
mounting holes
5
SCD


Similar Part No. - SCD-PHM4-YE2-CF

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SCD-102-501AVN LEIDITECH-SCD-102-501AVN Datasheet
332Kb / 1P
   Leaded disks ceramic PTC
logo
Richco, Inc.
SCD-1521 RICHCO-SCD-1521 Datasheet
58Kb / 1P
   SINGLE CABLE DUCT
logo
Socay Electornics Co., ...
SCD-181M SOCAY-SCD-181M Datasheet
105Kb / 5P
   Spark Gap Protectors (SPG)
SCD-181N SOCAY-SCD-181N Datasheet
105Kb / 5P
   Spark Gap Protectors (SPG)
SCD-201M SOCAY-SCD-201M Datasheet
105Kb / 5P
   Spark Gap Protectors (SPG)
More results

Similar Description - SCD-PHM4-YE2-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
FCN-PD-095-CF DDK-FCN-PD-095-CF Datasheet
365Kb / 6P
   FC Type Optical-Fiber Connector
logo
Hirose Electric
HSC-AT11CS-A01 HIROSE-HSC-AT11CS-A01 Datasheet
163Kb / 2P
   SC-Type Optical Fixed Attenuators
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
   SC Type Fiber Optic Connectors
HSC HIROSE-HSC Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
logo
Sharp Corporation
GP1FAV50TK0F SHARP-GP1FAV50TK0F Datasheet
23Kb / 1P
   Cost competitive, Popular type Optical Fiber Transmitter
logo
Roithner LaserTechnik G...
FCC-6512-5 ROITHNER-FCC-6512-5 Datasheet
99Kb / 2P
   Optical Fiber Checker
logo
OPLINK Communications I...
DURA-S0317 OPLINK-DURA-S0317 Datasheet
176Kb / 2P
   Optical Fiber Switch
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
OPLINK Communications I...
OFMSMM OPLINK-OFMSMM Datasheet
213Kb / 2P
   Optical Fiber Switches
logo
Assmann Electronics Inc...
A-FB-00RLFJ-LC7-1 ASSMANN-A-FB-00RLFJ-LC7-1 Datasheet
57Kb / 1P
   Waterproof Fiber Optical
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com