Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC2A04N Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # EC2A04N
Description  1.0 TO 1.5 WATT DC-DC CONVERTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

EC2A04N Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  EC2A04N Datasheet HTML 1Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE:
1. 15
µF 35V, Tantalum Capacitor Across Each Output.
2. Line regulation is per 1.0% change in input voltage.
3. Load regulation is for load change from 100% to 20% See graph of load regulation.
4. Suffix "HM" 1.5K VDC Instead of 3K VDC Isolation
1.0 TO 1.5 WATT
DC-DC CONVERTERS
EC2AN
EC2AN
S
E
R
I
E
S
Features
• 24-Pin DIP Package
• Low Ripple and Noise
• Pi Input Filter
• 70% Efficiency
• Unregulated Outputs
MODEL
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
CASE
NUMBER
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
5
Specifications
INPUT SPECIFICATIONS:
Input Voltage Range..........................................................................................................................................................................................................
±10%
Input Filter..........................................................................................................................................................................................................................Pi Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy.....................................................................................................................................................................................................
±3.0% max.
Ripple and Noise, 20MHz BW1.........................................................................................................................................................................100mV p-p max.
Short Circuit Protection............................................................................................................................................................................................Momentary
Line Regulation2..................................................................................................................................................................................................................
±1.2%
Load Regulation3, EC2A01N..............................................................................................................................................................................................
±8.0%
All Other Models.................................................................................................................................................................................................................
±6.0%
GENERAL SPECIFICATIONS:
Efficiency.......................................................................................................................................................................................................................60%~80%
Isolation Capacitance........................................................................................................................................................................................................30pF
Isolation Resistance........................................................................................................................................................................................................109ohms
Switching Frequency.................................................................................................................................................................................................20KHz, min
Operating Temperature Range.......................................................................................................................................................................-25˚C to + 71˚C
Case Temperature (Plastic case).............................................................................................................................................................................95˚C max.
(Copper case)........................................................................................................................................................................100˚C max.
Cooling....................................................................................................................................................................................................... Free-Air Convection
Storage Temperature Range......................................................................................................................................................................... -40˚C to + 100˚C
Dimensions ..............................................................................................................................................................................................1.25 x 0.8 x 0.4 inches
(31.8 x 20.3 x 10.2mm)
Weight..................................................................................................................................................................................................................................11.8g
ISOLATION VOLTAGE:
500 VDC min...................................................................................................................................................................................................Standard Models
3K VDC min4......................................................................................................................................................................................................Suffix "H" Models
CASE MATERIAL:
Standard Models......................................................................................................................................................................Non-Conductive Black Plastic
Suffix "M" Models...................................................................................................................................................................................Black Coated Copper
with Non-Conductive Base
6
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
24
23
22
1
2
3
17
16
15
BOTTOM
VIEW
14
13
10
11
12
0.60
(15.2)
0.80
(20.3)
1.25
(31.8)
0.10
(2.5)
0.15
(3.8)
0.40
(10.2)
SEE NOTE
0.08
(2.0)
PIN CONNECTION
500 VDC
1.5K & 3K VDC
Pin
Single
Dual
Output
Output
Pin
Single
Dual
Output
Output
1 24
2 23
3 22
10
11
12
13
14
15
+V Input
NC
NC
-V Output
+V Output
-V Input
-V Input
+V Output
-V Output
+V Input
-V Output
Common
Common
+V Output
-V Input
-V Input
+V Output
Common
1 2,3
22,23,24
10 11
12
13
14
15
16
17
+V Input
-V Input
NP
-V Output
+V Output
NP
NP
NP
+TP
+V Input
-V Input
Go Output
-TP
-V Output
NP
+V Output
+TP
NP
*NP-NO PIN
*TP-TEST POINT
*NC-NO CONNECTION WITH PIN
*GO-GROUND
EC2A01N
EC2A02N
EC2A03N
EC2A04N
EC2A05N
EC2A11N
EC2A12N
EC2A13N
EC2A14N
EC2A15N
5 VDC
12 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
220mA
125 mA
100 mA
±62 mA
±50 mA
220 mA
125 mA
100 mA
±62 mA
±50 mA
115 mA
115 mA
115 mA
115 mA
115 mA
45 mA
45 mA
45 mA
45 mA
45 mA
330 mA
420 mA
420 mA
420 mA
420 mA
120 mA
165 mA
165 mA
165 mA
165 mA
A
A
170
160
150
140
130
120
110
100
90
10 20
40
60
80
100
B
A
% Rated Load
Typical Load Regulation
CASE A
NOTE:Pin Size is 0.02” Inch (0.5mm) DIA
All Dimensions In Inches(mm)
Tolerance .xx=
±.02, .xxx= ±.010
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - EC2A04N

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EC2A04 RSG-EC2A04 Datasheet
910Kb / 1P
   1.5 WATT DC-DC CONVERTERS
More results

Similar Description - EC2A04N

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EC2A01 RSG-EC2A01 Datasheet
910Kb / 1P
   1.5 WATT DC-DC CONVERTERS
logo
Power-One
BRS505 POWER-ONE-BRS505 Datasheet
118Kb / 2P
   BRS DC/DC converters(1.5 WATT)
logo
Premier Magnetics, Inc.
G4050330 PMI-G4050330 Datasheet
29Kb / 1P
   1.0 WATT MINATURE SMD DC/DC CONVERTERS
logo
List of Unclassifed Man...
TP201 ETC1-TP201 Datasheet
62Kb / 2P
   1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
logo
Intronics Power, Inc.
DC500 INTRONICS-DC500 Datasheet
140Kb / 1P
   1.5 WATT SINGLE & DUAL OUTPUT DC-DC CONVERTERS
logo
Astrodyne Corporation
ASD105 ASTRODYNE-ASD105 Datasheet
754Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5_16 Datasheet
173Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
logo
Tumbler Technologies + ...
TAL-3S1205 TRUMPOWER-TAL-3S1205 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 1.5-3 Watt
logo
Astrodyne Corporation
SB1R5 ASTRODYNE-SB1R5_16 Datasheet
176Kb / 4P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com