Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-438 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-438
Description  GaAs SPDT Switch DC - 3.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-438 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-438 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-438 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-438 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-438 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V6
SW-438
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, 3V Control
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
DC-3.0 GHz
dB
0.7
0.8
Isolation
DC-1.0 GHz
1.0-2.0 GHz
2.0-3.0 GHz
dB
dB
dB
29
23
21
31
25
23
Return Loss
DC-1.5 GHz
1.5-3.0 GHz
dB
dB
18
16
22
20
P1dB (2.3 V supply)
500 MHz-2.0 GHz
dBm
23
26
P1dB (3V supply)
500 MHz-2.0 GHz
dBm
28
31
IP2
2-tone 900 MHz, 5 MHz spacing (2.3V)
dBm
81
IP3
2-tone 900 MHz, 5 MHz spacing (2.3V)
dBm
55
2
nd Harmonic
2.4 GHz Pin = 20 dBm, Vc = 2.3V
dBc
70
3
rd Harmonic
2.4 GHz Pin = 20 dBm, Vc = 2.3V
dBc
60
Ton, Toff
50% ctl to 10/90% RF
ns
20
Trise, Tfall
10% to 90% RF
ns
10
Gate Leakage
|Vctl| = 5V
µA
5
10
SC-70 (SOT-363) Plastic Package
Mode
(Control)
V1
V2
RFC-
RF1
RFC-
RF2
Positive
4
0 + 0.2V
+2.3 to +5V
+2.3 to +5V
0 + 0.2V
On
Off
Off
On
Negative
5
0 + 0.2V
-2.3 to -5V
-2.3 to -5V
0 + 0.2V
Off
On
On
Off
Truth Table
4. For positive voltage control, external DC blocking capacitors
are required on all RF ports.
5. If negative control is used, DC blocking capacitors are not
required on RF ports. This switch is not intended to pass or
switch a DC voltage.


Similar Part No. - SW-438

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
   GaAs SPDT Switch DC. 3.0 GHz
SW-438SMB MACOM-SW-438SMB Datasheet
84Kb / 4P
   GaAs SPDT Switch DC. 3.0 GHz
SW-438TR-3000 MACOM-SW-438TR-3000 Datasheet
84Kb / 4P
   GaAs SPDT Switch DC. 3.0 GHz
More results

Similar Description - SW-438

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
   GaAs SPDT Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
   GaAs SPDT Switch DC. 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MA-COM-MASWSS0136 Datasheet
94Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com