Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-442 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-442
Description  GaAs SPDT Terminated Switch DC - 3.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-442 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-442 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-442 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-442 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-442 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPDT Terminated Switch
DC - 3.0 GHz
Rev. V4
SW-442
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
3, VCTL = -3V (unless otherwise specified)
3. External DC blocking capacitors are required on all RF ports when using positive voltage control.
4. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 GHz - 3 GHz.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
4
DC-1 GHz
1-2 GHz
2-3 GHz
dB
dB
dB
0.5
0.8
1.1
0.7
1.0
1.25
Isolation
DC-1 GHz
1-2 GHz
2-3 GHz
dB
dB
dB
36
25
21
38
28
22
VSWR
DC-2 GHz
2-3 GHz
Ratio
Ratio
1.4:1
1.6:1
1.5:1
1.7:1
P1dB (2.7 V supply)
500 MHz - 3 GHz
dBm
24
P1dB (5 V supply)
500 MHz - 3 GHz
dBm
28
IP2 (2.7 V supply)
2-Tone 900 MHz, 5 MHz spacing, 10 dBm each tone
dBm
80
IP3 (2.7 V supply)
2-Tone 900 MHz, 5 MHz spacing, 10 dBm each tone
dBm
50
Trise, Tfall
Ton, Toff
Transients
10% to 90% RF, 90% to 10% RF
50% Control to 90% RF, 50% Control to 10% RF
In-Band
nS
nS
mV
40
60
10
Control Current
VCTL = -3V
µA
6
15
Truth Table
Mode
(Control)
V1
V2
RFC -
RF1
RFC -
RF2
Positive
7
0 + 0.2 V
+2.5 to +8
V
+2.5 to +8
V
0 + 0.2 V
On
Off
Off
On
Negative
8
0 + 0.2 V
-2.5 to -8 V
-2.5 to -8 V
0 + 0.2 V
Off
On
On
Off
7. External DC blocking capacitors are required on all RF ports
and GND. GND capacitors can be used with positive control
voltage to resonate lead inductance for improved isolation.
8. If negative control is used, DC blocking capacitors and GND
capacitors are not required.
Absolute Maximum Ratings 5,6
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
3 V Control
5 V Control
+30 dBm
+33 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - SW-442

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-442 MACOM-SW-442 Datasheet
98Kb / 3P
   GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442PIN MACOM-SW-442PIN Datasheet
98Kb / 3P
   GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442RTR MACOM-SW-442RTR Datasheet
98Kb / 3P
   GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442SMB MACOM-SW-442SMB Datasheet
98Kb / 3P
   GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442TR MACOM-SW-442TR Datasheet
98Kb / 3P
   GaAs SPDT Terminated Switch DC - 3.0 GHz
More results

Similar Description - SW-442

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-007935 MA-COM-MASW-007935 Datasheet
127Kb / 4P
   GaAs SPDT Terminated Switch DC - 3.0 GHz
logo
Tyco Electronics
SW-442 MACOM-SW-442 Datasheet
98Kb / 3P
   GaAs SPDT Terminated Switch DC - 3.0 GHz
MASW-007935 MACOM-MASW-007935 Datasheet
104Kb / 4P
   GaAs SPDT Terminated Switch DC - 3.0 GHz
logo
Hexawave, Inc
HWS429 HW-HWS429 Datasheet
88Kb / 3P
   GaAs DC-3 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
   GaAs DC-2.0 GHz SPDT Terminated Switch
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
   GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
   GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS486_V6 HW-HWS486_V6_15 Datasheet
59Kb / 2P
   GaAs DC-6 GHz SPDT Terminated Switch
HWS434 HW-HWS434 Datasheet
74Kb / 2P
   GaAs DC-2.5 GHz SPDT Terminated Switch
logo
List of Unclassifed Man...
SW-337 ETC-SW-337 Datasheet
100Kb / 2P
   GaAs SPDT Terminated Switch DC - 2.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com