Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-1000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # T-1000
Description  Two-Way Power Divider, 10 - 1000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

T-1000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  T-1000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. T-1000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Two-Way Power Divider,
10 - 1000 MHz
Rev. V2
T-1000
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Ordering Information
Part Number
Package
T-1000 BNC
Connectorized
T-1000 SMA
Connectorized
T-1000 TNC
Connectorized
T-1000 N
Connectorized
Typical Performance Curves
Functional Diagram


Similar Part No. - T-1000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
   Two-Way Power Divider 10 - 1000 MHz
logo
Rhombus Industries Inc.
T-1000 RHOMBUS-IND-T-1000 Datasheet
37Kb / 1P
   HDSL Application Pulse Transformer
logo
M/A-COM Technology Solu...
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
   Two-Way Power Divider
logo
Bourns Electronic Solut...
T-1000-ALX-SG BOURNS-T-1000-ALX-SG Datasheet
173Kb / 1P
   Sparctube Products
logo
Tyco Electronics
T-1000BNC MACOM-T-1000BNC Datasheet
126Kb / 1P
   Two-Way Power Divider 10 - 1000 MHz
More results

Similar Description - T-1000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
   Two-Way Power Divider 10 - 1000 MHz
DS-332 MACOM-DS-332 Datasheet
117Kb / 2P
   Two-Way Power Divider 1000 - 2000 MHz
logo
M/A-COM Technology Solu...
H-81-4 MA-COM-H-81-4 Datasheet
67Kb / 2P
   180쨘 Two-Way Power Divider, 5 - 1000 MHz
logo
Tyco Electronics
H-81-4 MACOM-H-81-4 Datasheet
122Kb / 1P
   180 Two-Way Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-327 MA-COM-DS-327 Datasheet
49Kb / 2P
   Flatpack Two-Way Power Divider, 5 - 1000 MHz
logo
Tyco Electronics
DS-327 MACOM-DS-327 Datasheet
88Kb / 1P
   Flatpack Two-Way Power Divider 5 - 1000 MHz
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
   Two-Way Power Divider 10 - 2000 MHz
logo
M/A-COM Technology Solu...
DS-319 MA-COM-DS-319 Datasheet
76Kb / 3P
   Two-Way Power Divider, 10 - 500 MHz
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
   Two-Way Power Divider, 10 - 2000 MHz
logo
Tyco Electronics
DS-109319 MACOM-DS-109319 Datasheet
80Kb / 2P
   Two-Way Power Divider 10 - 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com