Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP-101 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # TP-101
Description  RF Pulse Transformer, 500 KHz - 1.5 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

TP-101 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  TP-101 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. TP-101 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
RF Pulse Transformer,
500 KHz - 1.5 GHz
Rev. V3
TP-101
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 50 Ohms Unbalanced/50 Ohms Balanced
• Fast Rise Time: 0.18 nS
• Low Insertion Loss: 0.4 dB Typical
• MIL-STD-202 Screening Available
Description
The transformer coupled balun can provide a wide
frequency range. DC isolation from primary coil to
secondary coil is also a feature of this device.
FP-1
Electrical Specifications: TA = -55°C to +85°C
Schematic/Pin Configuration
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Impedance
Input - 50 Ohms Unbalanced
Output - 50 Ohms Balanced
Insertion Loss
10 - 50 MHz
dB
0.5
VSWR
1 MHz - 1 GHz
750 KHz - 1.5 GHz
Ratio
Ratio
1.4:1
1.6:1
Input Power
750 KHz - 1 MHz
1 MHz - 5 MHz
5 MHz - 1.5 GHz
Watts
Watts
Watts
1.0
1.5
3.0
Rise Time
10 - 90%
nS
0.18
Droop (10%)
nS
300
.


Similar Part No. - TP-101

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TP-101 MACOM-TP-101 Datasheet
120Kb / 1P
   RF Pulse Transformer 500 kHz - 1.5 GHz
logo
M/A-COM Technology Solu...
TP-101 MA-COM-TP-101 Datasheet
59Kb / 2P
   RF Pulse Transformer
logo
Tyco Electronics
TP-101PIN MACOM-TP-101PIN Datasheet
120Kb / 1P
   RF Pulse Transformer 500 kHz - 1.5 GHz
More results

Similar Description - TP-101

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TP-101 MACOM-TP-101 Datasheet
120Kb / 1P
   RF Pulse Transformer 500 kHz - 1.5 GHz
logo
M/A-COM Technology Solu...
TP-103 MA-COM-TP-103 Datasheet
53Kb / 2P
   RF Pulse Transformer, 500 KHz - 1 GHz
logo
Tyco Electronics
TP-105 MACOM-TP-105 Datasheet
133Kb / 1P
   RF Pulse Transformer 500 kHz - 1 GHz
logo
M/A-COM Technology Solu...
TP-105 MA-COM-TP-105 Datasheet
60Kb / 2P
   RF Pulse Transformer, 500 KHz - 1 GHz
logo
Tyco Electronics
TP-103 MACOM-TP-103 Datasheet
113Kb / 1P
   RF Pulse Transformer 500 kHz - 1GHz
logo
M/A-COM Technology Solu...
TP-102 MA-COM-TP-102 Datasheet
60Kb / 2P
   RF Pulse Transformer, 1 - 500 MHz
logo
Tyco Electronics
TP-102 MACOM-TP-102 Datasheet
109Kb / 1P
   RF Pulse Transformer 1 - 500 MHz
logo
M/A-COM Technology Solu...
TP-104 MA-COM-TP-104 Datasheet
60Kb / 2P
   RF Pulse Transformer, 750 KHz - 400 MHz
logo
Tyco Electronics
TP-104 MACOM-TP-104 Datasheet
106Kb / 1P
   RF Pulse Transformer 750 kHz - 400 MHz
logo
List of Unclassifed Man...
DP-322 ETC2-DP-322 Datasheet
317Kb / 1P
   Wideband RF/Pulse Transformer 5-500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com