Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-007866-0P1RTR Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-007866-0P1RTR
Description  Broadband Driver Amplifier 50 to 3300 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-007866-0P1RTR Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAM-007866-0P1RTR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-007866-0P1RTR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-007866-0P1RTR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-007866-0P1RTR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-007866-0P1RTR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-007866-0P1RTR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Broadband Driver Amplifier
50 to 3300 MHz
Rev. V1
MAAM-007866-0P1R00
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
APPLICATION CIRCUIT SCHEMATIC
Vcont = + 5 V ( ON)
Vcont = < 2 V ( OFF)
Icont = 9 mA nom.
VCC= +5V , nom., 6V, max.
Iccq= 157 mA, nom.
3mm QFN
12-L PKG
NC
RFO2
RFO1
NC
RFIN1
RFIN2
1
2
3
9
8
7
R1
R=150 Ohm
C8
C=1000 pF
C9
C=0.1 uF
C5
C=0.1 uF
VCONT
VCC
C7
C=0.01 uF
C6
C=100 pF
C4
C=1000 pF
C10
C=10 pF
L1
R=
L=180 nH
C2
C=0.01 uF
R3
R=7.5 Ohm
RFOUT
R2
R=10 Ohm
RFIN
C1
C=0.01 uF
C3
C=100 pF
Evaluation Circuit Board Bill of Material
COMPONENT
PART NO
VALUE
SUGGESTED VENDOR
C10
NPO0402HTTP100J
10pF
KOA
C3
NPO0603HTTD101J
100pF
KOA
C6
NPO0402HTTP101J
100pF
KOA
C5
X7R0603CTTD104K
0.1uF
KOA
C4
X7R0603HTTD102K
1000pF
KOA
C8
X7R0402HTTP102K
1000pF
KOA
C9
X7R0402CTTP104K
0.1uF
KOA
C1, C2
X7R0603HTTD103K
0.01uF
KOA
C7
X7R0402CTTP103K
0.01uF
KOA
L1
0603CS-R18XJBU
180nH
COILCRAFT
R1
RK73B1JTTD151J(0603)
150 OHM
KOA
R2
RK73B1JTTD100J(0603)
10 ohm
KOA
R3
RK73B1ETTP7R5J(0402)
7.5 ohm
KOA
J1,J2
142-0701-881
RF CONN
JOHNSON
J3
TSM-105-01-S-DV
DC CONN
U1
MAAM-007866-0P1R00
3mm PQFN 12L
TYCO
PCB
1000028554-2
GETEK, 28mil
TYCO
Application Circuit Schematic


Similar Part No. - MAAM-007866-0P1RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM-007866-0P1RTR MACOM-MAAM-007866-0P1RTR Datasheet
354Kb / 6P
   Broadband Driver Amplifier 50 to 3300 MHz
More results

Similar Description - MAAM-007866-0P1RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM-007866-0P1R00 MACOM-MAAM-007866-0P1R00 Datasheet
354Kb / 6P
   Broadband Driver Amplifier 50 to 3300 MHz
logo
M/A-COM Technology Solu...
MAAM-007865-0P1R00 MA-COM-MAAM-007865-0P1R00 Datasheet
216Kb / 6P
   Broadband Driver Amplifier 50 to 2000 MHz
logo
Tyco Electronics
MAAM-007865-0P1R00 MACOM-MAAM-007865-0P1R00 Datasheet
345Kb / 6P
   Broadband Driver Amplifier 50 to 2000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0017 MA-COM-MAAMSS0017 Datasheet
157Kb / 4P
   Broadband IF Driver Amplifier 50 - 2500 MHz
logo
Tyco Electronics
MAAMSS0046 MACOM-MAAMSS0046 Datasheet
208Kb / 4P
   Broadband IF Driver Amplifier 50 - 2500 MHz
logo
M/A-COM Technology Solu...
MAAMSS0046 MA-COM-MAAMSS0046 Datasheet
126Kb / 4P
   Broadband IF Driver Amplifier 50 - 2500 MHz
logo
Tyco Electronics
MAAMSS0017 MACOM-MAAMSS0017 Datasheet
205Kb / 4P
   Broadband IF Driver Amplifier 50 - 2500 MHz
logo
Skyworks Solutions Inc.
SKY65099-360LF SKYWORKS-SKY65099-360LF Datasheet
558Kb / 13P
   700 to 2700 MHz Broadband Linear Amplifier Driver
logo
M/A-COM Technology Solu...
MAAM-007807 MA-COM-MAAM-007807 Datasheet
163Kb / 4P
   Broadband CATV Amplifier 50 - 1000 MHz
logo
Tyco Electronics
MAAMSS0031 MACOM-MAAMSS0031 Datasheet
273Kb / 6P
   Broadband CATV Amplifier, 50 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com