Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-008820-TR3000 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-008820-TR3000
Description  Broadband CATV Single Ended 4-Way Active Splitter 50 - 1100 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-008820-TR3000 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAM-008820-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-008820-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-008820-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-008820-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-008820-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-008820-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
Broadband CATV Single Ended 4-Way Active Splitter
50 - 1100 MHz
Rev. V2
MAAM-008820
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Noise Figure
Typical All Outputs
Reverse Isolation to 3000 MHz
Typical From All Outputs to Input
Typical Performance Curves
OUT-OUT Isolation to 1100 MHz
Typical Between All Outputs
OUT-OUT Isolation to 3000 MHz
Typical Between All Outputs
-25
-24
-23
-22
-21
-20
0
220
440
660
880
1100
+25°C
-40°C
+85°C
Frequency (MHz)
-40
-35
-30
-25
-20
-15
0
600
1200
1800
2400
3000
+25°C
-40°C
+85°C
Frequency (MHz)
0
1
2
3
4
5
6
7
0
220
440
660
880
1100
+25°C
-40°C
+85°C
Frequency (MHz)
-40
-35
-30
-25
-20
0
600
1200
1800
2400
3000
+25°C
-40°C
+85°C
Frequency (MHz)


Similar Part No. - MAAM-008820-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-008820-TR3000 MA-COM-MAAM-008820-TR3000 Datasheet
879Kb / 8P
   Broadband CATV Single Ended 4-Way Active Splitter
More results

Similar Description - MAAM-008820-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-007239 MA-COM-MAAM-007239 Datasheet
288Kb / 9P
   Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz
MAAM-008818 MA-COM-MAAM-008818 Datasheet
199Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter 50 - 1100 MHz
MAAM-008819 MA-COM-MAAM-008819 Datasheet
212Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz
MAAM-008822 MA-COM-MAAM-008822 Datasheet
264Kb / 7P
   Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz
logo
Tyco Electronics
MAAM-007805 MACOM-MAAM-007805 Datasheet
208Kb / 4P
   Broadband CATV Single Ended 2-Way Active Splitter 50 - 1100 MHz
logo
M/A-COM Technology Solu...
MAAM-007805 MA-COM-MAAM-007805 Datasheet
170Kb / 4P
   Broadband CATV Single Ended 2-Way Active Splitter 50 - 1100 MHz
MAAM-009452 MA-COM-MAAM-009452_15 Datasheet
855Kb / 7P
   Broadband CATV Single Ended 4-Way Active Splitter
MAAM-009452 MA-COM-MAAM-009452 Datasheet
251Kb / 6P
   Broadband CATV Single Ended 4-Way Active Splitter
MAAM-009452 MA-COM-MAAM-009452 Datasheet
251Kb / 6P
   Broadband CATV Single Ended 4-Way Active Splitter
MAAM-008820 MA-COM-MAAM-008820_17 Datasheet
879Kb / 8P
   Broadband CATV Single Ended 4-Way Active Splitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com