Selected language     English  ▼


H-81-4SMA Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part No. H-81-4SMA
Description  180º Two-Way Power Divider, 5 - 1000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

   
 1 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
180o Two-Way Power Divider,
5 - 1000 MHz
Rev. V2
H-81-4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Broadband Frequency Range
• Low Loss - Less Than 1.3 dB Max
• VSWR - 1.4:1 Max
C-19
Guaranteed Specifications: From –55
oC to +85oC
Frequency Range
5-1000 MHz
Insertion Loss (less coupling)
5-100 MHz
100 -1000 MHz
0.7 dB Max
1.4 dB Max
Isolation
5-100 MHz
100 -1000 MHz
20 dB Min
25 dB Min
Amplitude Balance
5-100 MHz
100 -1000 MHz
0.2 dB Max
0.5 dB Max
VSWR (All Ports)
1.4:1 Max
Phase Balance
5-100 MHz
100 -1000 MHz
5
o Max
2.5
o Max
Operating Characteristics
* All specifications apply with 50 ohm source and load
impedance.
Parameter
Absolute Maximum
Impedance
50 Ohms Nominal
Maximum Power Rating
Or Input Power
2.0 Watt Max
Environmental
Internal Load Dissipation
0.5 Watt Max




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl