Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HH-127 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # HH-127
Description  Hybrid Junction, 10 - 500 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

HH-127 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  HH-127 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. HH-127 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. HH-127 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Hybrid Junction, 10 - 500 MHz
Rev. V3
HH- / HHS-110 / HH-127
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Broad Frequency Range
• Fully Hermetic Package (HHS-110)
• High Isolation: Typically 30 dB
• Impedance: 50 Ohms Nominal
• Input Power: 1 Watt Maximum
• MIL-STD-202 Screening Available
Description
3 dB Hybrids are ideal for dividing a signal into two
signals of equal amplitude and a constant 90° or
180°
phase
differential
and
for
Quadrature
combining
or
performing
summation/differential
combining.
FP-2 (HH-110)
SF-1 (HHS-110)
TO-8-2 (HH-127)


Similar Part No. - HH-127

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HH-127 MACOM-HH-127 Datasheet
85Kb / 2P
   Hybrid Junction 10 - 500 MHz
HH-127 MACOM-HH-127 Datasheet
133Kb / 3P
   Hybrid Junction, 10 - 500 MHz
HH-127PIN MACOM-HH-127PIN Datasheet
85Kb / 2P
   Hybrid Junction 10 - 500 MHz
HH-127PIN MACOM-HH-127PIN Datasheet
133Kb / 3P
   Hybrid Junction, 10 - 500 MHz
HH-127 MACOM-HH-127_1 Datasheet
133Kb / 3P
   Hybrid Junction, 10 - 500 MHz
More results

Similar Description - HH-127

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
HH_HHS-110_HH-127 MA-COM-HH_HHS-110_HH-127 Datasheet
89Kb / 3P
   Hybrid Junction, 10 - 500 MHz
logo
Tyco Electronics
HH-127 MACOM-HH-127_1 Datasheet
133Kb / 3P
   Hybrid Junction, 10 - 500 MHz
HH-127 MACOM-HH-127 Datasheet
85Kb / 2P
   Hybrid Junction 10 - 500 MHz
HH-109 MACOM-HH-109_1 Datasheet
125Kb / 2P
   Hybrid Junction, 5 - 200 MHz
logo
M/A-COM Technology Solu...
HH-109 MA-COM-HH-109 Datasheet
71Kb / 2P
   Hybrid Junction, 5 - 200 MHz
logo
Tyco Electronics
HH-105 MACOM-HH-105 Datasheet
84Kb / 2P
   Hybrid Junction 20 - 300 MHz
HHS-109 MACOM-HHS-109 Datasheet
84Kb / 2P
   Hybrid Junction 5 - 200 MHz
logo
M/A-COM Technology Solu...
HH-105 MA-COM-HH-105 Datasheet
62Kb / 2P
   Hybrid Junction, 20 - 300 MHz
HH-_HHS-109 MA-COM-HH-_HHS-109 Datasheet
71Kb / 2P
   Hybrid Junction, 5 - 200 MHz
logo
Tyco Electronics
HH-105 MACOM-HH-105_1 Datasheet
122Kb / 2P
   Hybrid Junction, 20 - 300 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com