Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH-119 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # JH-119
Description  Quadrature Hybrid, 80 - 160 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

JH-119 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  JH-119 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. JH-119 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. JH-119 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Quadrature Hybrid,
80 - 160 MHz
Rev. V3
JH- / JHS-119
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Fully Hermetic Package
• Octave Bandwidth
• Low VSWR: 1.3:1
• Impedance: 50 Ohms Nominal
• Input Power: 4 Watts Max.@ 25°C, Derated to 1
Watt @ 85
oC
• MIL-STD-202 Screening Available
Description
3 dB Hybrids are ideal for dividing a signal into two
signals of equal amplitude and a constant 90
o or
180
o
phase
differential
and
for
Quadrature
combining
or
performing
summation/differential
combining.
FP-2 (JH-119)
SF-1 (JHS-119)
Pin Configuration (JH-119)
Pin No.
Function
Pin No.
Function
1
A
5
D
2
GND
6
GND
3
GND
7
GND
4
B
8
C
Pin Configuration (JHS-119)
Pin No.
Function
Pin No.
Function
1
A
3
D
2
B
4
C


Similar Part No. - JH-119

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-119 MACOM-JH-119 Datasheet
172Kb / 2P
   Quadrature Hybrid, 80 - 160 MHz
JH-119PIN MACOM-JH-119PIN Datasheet
78Kb / 2P
   Quadrature Hybrid 80 - 160 MHz
JH-119PIN MACOM-JH-119PIN Datasheet
172Kb / 2P
   Quadrature Hybrid, 80 - 160 MHz
More results

Similar Description - JH-119

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JHS-119 MACOM-JHS-119 Datasheet
78Kb / 2P
   Quadrature Hybrid 80 - 160 MHz
JH-119 MACOM-JH-119 Datasheet
172Kb / 2P
   Quadrature Hybrid, 80 - 160 MHz
logo
SYNERGY MICROWAVE CORPO...
SLQ-K02 SYNERGY-SLQ-K02 Datasheet
82Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 40 - 80 MHz
logo
Tyco Electronics
JH-115 MACOM-JH-115 Datasheet
172Kb / 2P
   Surface Mount Quadrature Hybrid, 40 - 80 MHz
logo
M/A-COM Technology Solu...
JH-115 MA-COM-JH-115 Datasheet
62Kb / 3P
   Surface Mount Quadrature Hybrid, 40 - 80 MHz
logo
Tyco Electronics
JHS-115 MACOM-JHS-115 Datasheet
111Kb / 2P
   Surface Mount Quadrature Hybrid 40 - 80 MHz
JH-10-4 MACOM-JH-10-4 Datasheet
81Kb / 2P
   Quadrature Hybrid 20 - 140 MHz
JHS-139 MACOM-JHS-139 Datasheet
95Kb / 2P
   Quadrature Hybrid 250 - 500 MHz
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
   Quadrature Hybrid, 20 - 40 MHz
JH-6-4 MACOM-JH-6-4 Datasheet
172Kb / 2P
   Quadrature Hybrid, 2 - 32 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com