Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC-51PIN Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAC-51PIN
Description  TO-5 Double-Balanced Mixer, 5 - 500 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAC-51PIN Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAC-51PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAC-51PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAC-51PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
TO-5 Double-Balanced Mixer,
5 - 500 MHz
Rev. V3
MAC-51
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Ordering Information
Part Number
Package
MAC-51 PIN
TO-5-2


Similar Part No. - MAC-51PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAC-51PIN MACOM-MAC-51PIN Datasheet
120Kb / 3P
   TO-5 Double-Balanced Mixer, 5 - 500 MHz
More results

Similar Description - MAC-51PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAC-51 MACOM-MAC-51 Datasheet
120Kb / 3P
   TO-5 Double-Balanced Mixer, 5 - 500 MHz
MD-108 MACOM-MD-108 Datasheet
200Kb / 2P
   Double-Balanced Mixer, 5 - 500 MHz
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer, 5 - 500 MHz
logo
SIRENZA MICRODEVICES
CM-1H8 SIRENZA-CM-1H8 Datasheet
137Kb / 2P
   Miniature High Level Double Balanced Mixer 5-500 MHz
logo
M/A-COM Technology Solu...
MAC-51 MA-COM-MAC-51_15 Datasheet
60Kb / 3P
   TO-5 Double-Balanced Mixer
MAC-51 MA-COM-MAC-51 Datasheet
60Kb / 3P
   TO-5 Double-Balanced Mixer
MAC-50 MA-COM-MAC-50_15 Datasheet
61Kb / 3P
   TO-5 Double-Balanced Mixer
MAC-50 MA-COM-MAC-50 Datasheet
61Kb / 3P
   TO-5 Double-Balanced Mixer
logo
Tyco Electronics
MD20-0018-S MACOM-MD20-0018-S Datasheet
42Kb / 1P
   Double Balanced Mixer 5 - 1500 MHz
logo
M/A-COM Technology Solu...
MD-158 MA-COM-MD-158 Datasheet
70Kb / 3P
   Double-Balanced Mixer, 5 - 1500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com