Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA024 Datasheet(PDF) 10 Page - Microchip Technology

Part # 24AA024
Description  2K I2C??Serial EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA024 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24AA024_09 Datasheet HTML 6Page - Microchip Technology 24AA024_09 Datasheet HTML 7Page - Microchip Technology 24AA024_09 Datasheet HTML 8Page - Microchip Technology 24AA024_09 Datasheet HTML 9Page - Microchip Technology 24AA024_09 Datasheet HTML 10Page - Microchip Technology 24AA024_09 Datasheet HTML 11Page - Microchip Technology 24AA024_09 Datasheet HTML 12Page - Microchip Technology 24AA024_09 Datasheet HTML 13Page - Microchip Technology 24AA024_09 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
24AA024/24LC024/24AA025/24LC025
DS21210M-page 10
© 2009 Microchip Technology Inc.
8.0
READ OPERATIONS
Read operations are initiated in the same way as write
operations, with the exception that the R/W bit of the
slave address is set to ‘1’. There are three basic types
of read operations: current address read, random read
and sequential read.
8.1
Current Address Read
The 24AA024/24LC024/24AA025/24LC025 contains
an address counter that maintains the address of the
last word accessed, internally incremented by one.
Therefore, if the previous read access was to address
n, the next current address read operation would
access data from address n + 1. Upon receipt of the
slave address with the R/W bit set to ‘1’, the 24AA024/
24LC024/24AA025/24LC025 issues an acknowledge
and transmits the 8-bit data word. The master will not
acknowledge the transfer, but does generate a Stop
condition
and
the
24AA024/24LC024/24AA025/
24LC025 discontinues transmission (Figure 8-1).
8.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, the word address must first
be set. This is accomplished by sending the word
address to the 24AA024/24LC024/24AA025/24LC025
as part of a write operation. Once the word address is
sent, the master generates a Start condition following
the acknowledge. This terminates the write operation,
but not before the internal Address Pointer is set. The
master then issues the control byte again, but with the
R/W bit set to a ‘1’. The 24AA024/24LC024/24AA025/
24LC025 will then issue an acknowledge and transmits
the eight bit data word. The master will not acknowl-
edge the transfer but does generate a Stop condition
and
the
24AA024/24LC024/24AA025/24LC025
discontinues transmission (Figure 8-2).
After this
command, the internal address counter will point to the
address location following the one that was just read.
8.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the 24AA024/24LC024/
24AA025/24LC025 transmits the first data byte, the
master issues an acknowledge (as opposed to a Stop
condition in a random read). This directs the 24AA024/
24LC024/24AA025/24LC025 to transmit the next
sequentially-addressed 8-bit word (Figure 8-3).
To provide sequential reads, the 24AA024/24LC024/
24AA025/24LC025
contains
an
internal
Address
Pointer that is incremented by one upon completion of
each operation. This Address Pointer allows the entire
memory contents to be serially read during one
operation.
The
internal
Address
Pointer
will
automatically roll over from address 0FFh to address
000h.
FIGURE 8-1:
CURRENT ADDRESS
READ
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
P
S
S
T
O
P
Control
Byte
S
T
A
R
T
Data
A
C
K
N
O
A
C
K


Similar Part No. - 24AA024_09

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA024 MICROCHIP-24AA024_07 Datasheet
402Kb / 26P
   2K I2C??Serial EEPROM
2007
More results

Similar Description - 24AA024_09

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24VL024 MICROCHIP-24VL024 Datasheet
488Kb / 30P
   2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
   2K I2C??Serial EEPROM
2007
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24LC02B-I MICROCHIP-24LC02B-I Datasheet
411Kb / 26P
   2K I2C Serial EEPROM
12/08/06
24LC02BT-SN MICROCHIP-24LC02BT-SN Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02 Datasheet
337Kb / 24P
   2K I2C Serial EEPROM
2003
24LC02B-I-SN MICROCHIP-24LC02B-I-SN Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24LC024-IP MICROCHIP-24LC024-IP Datasheet
538Kb / 30P
   2K I2C??Serial EEPROM
2009
24LC02B MICROCHIP-24LC02B Datasheet
324Kb / 26P
   2K I2C Serial EEPROM
12/08/06
24LC024-I MICROCHIP-24LC024-I Datasheet
555Kb / 30P
   2K I2C Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com