Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSB5S35141R Datasheet(PDF) 1 Page - OptoSupply International

Part # OSB5S35141R
Description  Tpower 5mm Super Blue LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSB5S35141R Datasheet(HTML) 1 Page - OptoSupply International

  OSB5S35141R Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
Tpower 5mm Super Blue L
LE
ED
D
OSB5S35141R
Features
Outline Dimension
High Luminous LEDs
5mm Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Electronic Signs And Signals
Illuminations
Medical instruments light
Other Lighting
1
2
2.5
0.5
1.15
1
2
Unit:mm
Tolerance:+0.3mm
1:Anode
2:Cathode
5.0
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
25
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
15
V
Power Dissipation
PD
270
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max 10ms , Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
8.7
9.3
10.8
V
DC Reverse Current
IR
VR=15V
-
-
10
µA
Domi Wavelength*
λD
IF=20mA
465
470
475
nm
Luminous Intensity*
Iv
IF=20mA
-
4500
-
mcd
50% Power Angle
1/2
IF=20mA
-
40
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSB5S35141R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5S356E1R OPTOSUPPLY-OSB5S356E1R Datasheet
97Kb / 1P
   Tpower 4.8mm Straw Super Blue LED
More results

Similar Description - OSB5S35141R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5635141R OPTOSUPPLY-OSB5635141R Datasheet
137Kb / 1P
   Tpower 5mm Round Super Blue LED
OSB5XL5141R OPTOSUPPLY-OSB5XL5141R Datasheet
97Kb / 1P
   Tpower 5mm Blue LED
OSB5S38A61R OPTOSUPPLY-OSB5S38A61R Datasheet
97Kb / 1P
   Tpower 8mm Super Blue LED
OSB5S3A151R OPTOSUPPLY-OSB5S3A151R Datasheet
96Kb / 1P
   Tpower 10mm Super Blue LED
OSR5XA5141R OPTOSUPPLY-OSR5XA5141R Datasheet
97Kb / 1P
   Tpower 5mm Red LED
OSK5D35141R OPTOSUPPLY-OSK5D35141R Datasheet
96Kb / 1P
   Tpower 5mm Pink LED
OSY5XA5141R OPTOSUPPLY-OSY5XA5141R Datasheet
97Kb / 1P
   Tpower 5mm Yellow LED
OSK5XL5141R OPTOSUPPLY-OSK5XL5141R Datasheet
97Kb / 1P
   Tpower 5mm Pink LED
OSB5S356E1R OPTOSUPPLY-OSB5S356E1R Datasheet
97Kb / 1P
   Tpower 4.8mm Straw Super Blue LED
OSK5735141R OPTOSUPPLY-OSK5735141R Datasheet
136Kb / 1P
   Tpower 5mm Round Pink LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com