Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56001RC33 Datasheet(PDF) 6 Page - Motorola, Inc

Part # DSP56001RC33
Description  24-Bit General Purpose Digital Signal Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56001RC33 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button DSP56001RC33 Datasheet HTML 2Page - Motorola, Inc DSP56001RC33 Datasheet HTML 3Page - Motorola, Inc DSP56001RC33 Datasheet HTML 4Page - Motorola, Inc DSP56001RC33 Datasheet HTML 5Page - Motorola, Inc DSP56001RC33 Datasheet HTML 6Page - Motorola, Inc DSP56001RC33 Datasheet HTML 7Page - Motorola, Inc DSP56001RC33 Datasheet HTML 8Page - Motorola, Inc DSP56001RC33 Datasheet HTML 9Page - Motorola, Inc DSP56001RC33 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
6
MOTOROLA
DSP56001 Electrical Characteristics
DSP56001
Power Considerations
The average chip-junction temperature, TJ, in °C can be obtained from:
TJ = TA + (PD × ΘJA)(1)
Where:
TA = Ambient Temperature, °C
Θ
JA = Package Thermal Resistance, Junction-to-Ambient, °C/W
PD = PINT + PI/O
PINT = ICC × Vcc, Watts - Chip Internal Power
PI/O = Power Dissipation on Input and Output Pins - User Determined
For most applications PI/O << PINT and can be neglected; however, PI/O + PINT must not exceed Pd. An appropriate relationship
between PD and TJ (if PI/O is neglected) is:
PD = K/(TJ + 273° C)
(2)
Solving equations (1) and (2) for K gives:
K = PD × (TA + 273° C) + ΘJA × PD
2
(3)
Where K is a constant pertaining to the particular part. K can be determined from equation (2) by measuring PD (at equilibrium) for a
known TA. Using this value of K, the values of PD and TJ can be obtained by solving equations (1) and (2) iteratively for any value of
TA. The total thermal resistance of a package (ΘJA) can be separated into two components, ΘJC and CA, representing the barrier to
heat flow from the semiconductor junction to the package (case) surface (
Θ
JC) and from the case to the outside ambient (CA). These
terms are related by the equation:
Θ
JA = ΘJC + CA
(4)
Θ
JC is device related and cannot be influenced by the user. However, CA is user dependent and can be minimized by such thermal
management techniques as heat sinks, ambient air cooling, and thermal convection. Thus, good thermal management on the part of
the user can significantly reduce CA so that ΘJA approximately equals ΘJC. Substitution of ΘJC for ΘJA in equation (1) will result in a
lower semiconductor junction temperature. Values for thermal resistance presented in this document, unless estimated, were derived
using the procedure described in Motorola Reliability Report 7843, “Thermal Resistance Measurement Method for MC68XX
Microcomponent Devices”, and are provided for design purposes only. Thermal measurements are complex and dependent on
procedure and setup. User-derived values for thermal resistance may differ.
Layout Practices
Each Vcc pin on the DSP56001 should be provided with a low-impedance path to + 5 volts. Each GND pin should likewise be provided
with a low-impedance path to ground. The power supply pins drive four distinct groups of logic on chip. They are:
Power and Ground Connections for PGA
Power and Ground Connections for CQFP and PQFP
G12,C6
G11,B7
Internal Logic supply pins
L8
L6,L9
Address bus output buffer supply pins
G3
D3,J3
Data bus output buffer supply pins
C9
E11
Port B and C output buffer supply pins
Vcc
GND
Function
35, 36, 128, 129 33, 34, 130, 131
Internal Logic supply pins
63, 64
55, 56, 73, 74
Address bus output buffer supply pins
100, 101
90, 91, 111, 112
Data bus output buffer supply pins
12, 13
23, 24
Port B and C output buffer supply pins
Vcc
GND
Function


Similar Part No. - DSP56001RC33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56001RC33 NXP-DSP56001RC33 Datasheet
1Mb / 64P
   24-Bit General Purpose Digital Signal Processor
May 4, 1998
More results

Similar Description - DSP56001RC33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56001 NXP-DSP56001 Datasheet
1Mb / 64P
   24-Bit General Purpose Digital Signal Processor
May 4, 1998
logo
Motorola, Inc
DSP56166 MOTOROLA-DSP56166 Datasheet
448Kb / 63P
   16-bit General Purpose Digital Signal Processor
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
   24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
   24-Bit Digital Signal Processor
Rev. 4, 11/2002
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com