Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007077-000100 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007077-000100
Description  Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007077-000100 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007077-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007077-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007077-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007077-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007077-000100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Digital Attenuator
15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
Rev. V5
MAAD-007077-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Attenuation: 1 dB Steps to 15 dB
• Single Positive Supply
• Contains Internal DC to DC Converter
• Integral TTL Driver
• 50 Ohm Impedance
• Test Boards Available
• Tape and Reel Packaging Available
• Lead-Free CSP-1 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT90-1413
Description
M/A-COM’s MAAD-007077-000100 is a GaAs FET
4-Bit digital attenuator with integral driver. Step size
is 1 dB providing a 15 dB attenuation range. This
device is in an PQFN plastic surface mount pack-
age. The MAAD-007077-000100 is suited for single
supply applications where accuracy, fast speed, low
power consumption and low costs are required. For
dual supply designs without switching noise, use
MAADCC0006.
Ordering Information
Part Number
Package
MAAD-007077-000100
Bulk Packaging
MAAD-007077-0001TR
1000 piece reel
MAAD-007077-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
17
NC
2
C8
18
NC
3
C4
19
Vcc
4
C2
20
N/C
5
C1
21
Cp
6
GND
22
NC
7
GND
23
Cp
8
NC
24
NC
9
NC
25
Vee2
10
NC1
26
GND
11
GND
27
RF2
12
RF1
28
GND
13
GND
29
NC1
14
NC
30
Vee2
15
NC
31
NC
16
NC
32
Vcc
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.
1. Pins 10 & 29 must be isolated.
2. Vee is produced internally and requires a .1 µF cap to GND.
Generated noise is typical of switching DC-DC Converters.
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)


Similar Part No. - MAAD-007077-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007077-000100 MACOM-MAAD-007077-000100 Datasheet
263Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
182Kb / 5P
   Digital Attenuator
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
806Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
806Kb / 6P
   Contains Internal DC to DC Converter
More results

Similar Description - MAAD-007077-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT90-1413 MA-COM-AT90-1413 Datasheet
155Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
logo
Tyco Electronics
AT90-0413 MACOM-AT90-0413 Datasheet
299Kb / 5P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
MAAD-007077-000100 MACOM-MAAD-007077-000100 Datasheet
263Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT90-1413 MACOM-AT90-1413 Datasheet
263Kb / 5P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT90-0413 MA-COM-AT90-0413 Datasheet
178Kb / 7P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
logo
Tyco Electronics
MAADCC0006 MACOM-MAADCC0006 Datasheet
313Kb / 7P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT65-0413 MACOM-AT65-0413 Datasheet
246Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
AT-213 MACOM-AT-213 Datasheet
240Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3 GHz
AT65-0213 MACOM-AT65-0213 Datasheet
210Kb / 2P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com