Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007077-000100 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007077-000100
Description  Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007077-000100 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007077-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007077-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007077-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007077-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007077-000100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Digital Attenuator
15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
Rev. V5
MAAD-007077-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω
Parameter
Frequency
Units
Min
Typ
Max
Insertion Loss
DC-2.5 GHz
DC-4.0 GHz
dB
dB
2.0
2.5
2.5
3.0
Attenuation
Accuracy
DC-2.5 GHz
DC-4.0 GHz
dB
dB
±(0.3+4% of atten setting)
±(0.3+6% of atten setting)
VSWR
DC-2.5 GHz
DC-4.0 GHz
Ratio
Ratio
1.5:1
1.8:1
1.8:1
2.0:1
Switching Speed
ns
ns
25
4
1 dB Compression
50 MHz
0.5-4.0 GHz
dBm
dBm
+21
+27
Input IP3
50 MHz
0.5-4.0 GHz
dBm
dBm
+35
+48
Vcc
V
4.75
5.0
5.25
VIL
VIH
V
V
0.0
2.0
0.8
5.0
lin (Input Leakage Current)
uA
-1.0
1.0
Test Conditions
Individual Bits or
Combination of Bits
Full Attenuation Range
50% Cntl to 90%/10% RF
10% to 90% or 90% to 10%
Two-tone Inputs up to +5 dBm
LOW-level input voltage
HIGH-level input voltage
Vin = VCC or GND
Icc4
Vcc min to max, Logic “0” or “1”
mA
6
10
Turn-on Current5
For guaranteed start-up
mA
125
Switching Noise
Generated from
DC-DC Converter with
recommended capacitors
3.5 MHz
dBm
-93
Thermal Resistance θjc
°C/W
15
ΔIcc
(Additional Supply Current
Per TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
mA
1.5
4. During turn-on, the device requires an initial start up current (Icc)
specified as “Turn-on Current”. Once operational, Icc will drop to the
specified levels.
5. The DC-DC converter is guaranteed to start in 100 µs as long as the
power supplies have the maximum turn-on current available for start-
up.
Absolute Maximum Ratings
6,7
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 4.0 GHz
+27 dBm
+34 dBm
VCC
-0.5V ≤ VCC ≤ +6.0V
Vin8
-0.5V ≤ Vin ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM does not recommend sustained operation near
these survivability limits.
8. Standard CMOS TTL interface, latch-up will occur if logic sig-
nal is applied prior to power supply.
Recommended PCB Configuration
9
9. Application Note S2083 is available on line at www.macom.com


Similar Part No. - MAAD-007077-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007077-000100 MACOM-MAAD-007077-000100 Datasheet
263Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
182Kb / 5P
   Digital Attenuator
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
806Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
806Kb / 6P
   Contains Internal DC to DC Converter
More results

Similar Description - MAAD-007077-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT90-1413 MA-COM-AT90-1413 Datasheet
155Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
logo
Tyco Electronics
AT90-0413 MACOM-AT90-0413 Datasheet
299Kb / 5P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
MAAD-007077-000100 MACOM-MAAD-007077-000100 Datasheet
263Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT90-1413 MACOM-AT90-1413 Datasheet
263Kb / 5P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT90-0413 MA-COM-AT90-0413 Datasheet
178Kb / 7P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
logo
Tyco Electronics
MAADCC0006 MACOM-MAADCC0006 Datasheet
313Kb / 7P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT65-0413 MACOM-AT65-0413 Datasheet
246Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
AT-213 MACOM-AT-213 Datasheet
240Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3 GHz
AT65-0213 MACOM-AT65-0213 Datasheet
210Kb / 2P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com