Electronic Components Datasheet Search |
|
MAAD-007077-0001TB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAAD-007077-0001TB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 5 page Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz Rev. V5 MAAD-007077-000100 • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.4155721 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 1 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Features • Attenuation: 1 dB Steps to 15 dB • Single Positive Supply • Contains Internal DC to DC Converter • Integral TTL Driver • 50 Ohm Impedance • Test Boards Available • Tape and Reel Packaging Available • Lead-Free CSP-1 Package • 100% Matte Tin Plating over Copper • Halogen-Free “Green” Mold Compound • 260°C Reflow Compatible • RoHS* Compliant Version of AT90-1413 Description M/A-COM’s MAAD-007077-000100 is a GaAs FET 4-Bit digital attenuator with integral driver. Step size is 1 dB providing a 15 dB attenuation range. This device is in an PQFN plastic surface mount pack- age. The MAAD-007077-000100 is suited for single supply applications where accuracy, fast speed, low power consumption and low costs are required. For dual supply designs without switching noise, use MAADCC0006. Ordering Information Part Number Package MAAD-007077-000100 Bulk Packaging MAAD-007077-0001TR 1000 piece reel MAAD-007077-0001TB Sample Test Board Note: Reference Application Note M513 for reel size information. Functional Schematic Pin Configuration Pin No. Function Pin No. Function 1 GND 17 NC 2 C8 18 NC 3 C4 19 Vcc 4 C2 20 N/C 5 C1 21 Cp 6 GND 22 NC 7 GND 23 Cp 8 NC 24 NC 9 NC 25 Vee2 10 NC1 26 GND 11 GND 27 RF2 12 RF1 28 GND 13 GND 29 NC1 14 NC 30 Vee2 15 NC 31 NC 16 NC 32 Vcc * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1. Pins 10 & 29 must be isolated. 2. Vee is produced internally and requires a .1 µF cap to GND. Generated noise is typical of switching DC-DC Converters. 3. The exposed pad centered on the package bottom must be connected to RF and DC ground. (For PQFN Packages) |
Similar Part No. - MAAD-007077-0001TB |
|
Similar Description - MAAD-007077-0001TB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |