Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007079-000100 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007079-000100
Description  Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007079-000100 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007079-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007079-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007079-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007079-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007079-000100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Digital Attenuator
30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
Rev. V4
MAAD-007079-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Attenuation Error, 16 dB Bit
Attenuation Error, Max. Attenuation
VSWR, 2 dB Bit
Typical Performance Curves
VSWR, 4 dB Bit
VSWR, 8 dB Bit
Attenuation Error, 8 dB Bit
-0.40
-0.20
0.00
0.20
0.40
0
500
1000
1500
2000
2500
Fre que ncy (MHz )
-0.80
-0.60
-0.40
-0.20
0.00
0
500
1000
1500
2000
2500
Fre que ncy (MHz )
-1.50
-1.00
-0.50
0.00
0.50
0
500
1000
1500
2000
2500
Fre que ncy (MHz )
1.00
1.20
1.40
1.60
0
500
1000
1500
2000
2500
Fre que ncy (MHz )
Out p ut
Inp ut
1.00
1.20
1.40
1.60
0
500
1000
1500
2000
2500
Fre que ncy (MHz )
Out p ut
Inp ut
1.00
1.20
1.40
1.60
0
500
1000
1500
2000
2500
Fre que ncy (MHz )
Out p ut
I np ut


Similar Part No. - MAAD-007079-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007079-000100 MACOM-MAAD-007079-000100 Datasheet
256Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
M/A-COM Technology Solu...
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
789Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
789Kb / 6P
   Contains Internal DC to DC Converter
More results

Similar Description - MAAD-007079-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007079-000100 MACOM-MAAD-007079-000100 Datasheet
256Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
M/A-COM Technology Solu...
AT90-0233 MA-COM-AT90-0233 Datasheet
151Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
AT90-1233 MA-COM-AT90-1233 Datasheet
153Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
AT-233-PIN MA-COM-AT-233-PIN Datasheet
122Kb / 4P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
MAATCC0006 MA-COM-MAATCC0006 Datasheet
130Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT65-0233 MA-COM-AT65-0233 Datasheet
129Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT-232-PIN MA-COM-AT-232-PIN Datasheet
77Kb / 4P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT90-1233 MACOM-AT90-1233 Datasheet
251Kb / 4P
   Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com