Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007080-000100 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007080-000100
Description  Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007080-000100 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007080-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007080-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007080-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007080-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007080-000100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007080-000100 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-007080-000100 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Digital Attenuator
50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
Rev. V4
MAAD-007080-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Attenuation Error, 8 dB Bit
Attenuation Error, 16 dB Bit
Attenuation Error, 32 dB Bit
Typical Performance Curves
Attenuation Error, Max. Attenuation
VSWR, 1 dB Bit
Attenuation Error, 4 dB Bit
-0.1
0.0
0.1
0.2
0.3
0.4
0
400
800
1200
1600
2000
2400
Fre que ncy (MHz )
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0
400
800
1200
1600
2000
2400
Frequency (MHz)
-0.6
-0.2
0.2
0.6
1.0
0
400
800
1200
1600
2000
2400
Fre que ncy (MHz )
-0.6
-0.2
0.2
0.6
1.0
0
400
800
1200
1600
2000
2400
Fre que ncy (MHz )
-3.5
-1.5
0.5
2.5
0
400
800
1200
1600
2000
2400
Fre que ncy (MHz )
1.0
1.2
1.4
1.6
1.8
0
400
800
1200
1600
2000
2400
Fre que ncy (MHz )
Input
Out put


Similar Part No. - MAAD-007080-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007080-000100 MACOM-MAAD-007080-000100 Datasheet
292Kb / 6P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
MAAD-007080-000100 MA-COM-MAAD-007080-000100 Datasheet
171Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007080-000100 MA-COM-MAAD-007080-000100_15 Datasheet
171Kb / 7P
   Digital Attenuator
More results

Similar Description - MAAD-007080-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT90-1106 MA-COM-AT90-1106 Datasheet
170Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
Tyco Electronics
MAAD-007080-000100 MACOM-MAAD-007080-000100 Datasheet
292Kb / 6P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
MAAD-007080-000100 MA-COM-MAAD-007080-000100 Datasheet
171Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
AT-106-PIN MA-COM-AT-106-PIN Datasheet
135Kb / 4P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT20-0106 MA-COM-AT20-0106 Datasheet
134Kb / 4P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT90-1106 MACOM-AT90-1106 Datasheet
279Kb / 6P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007082-000100 MACOM-MAAD-007082-000100 Datasheet
302Kb / 7P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
MAAD-007082-000100 MA-COM-MAAD-007082-000100 Datasheet
170Kb / 7P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC - 2.4 GHz
logo
Tyco Electronics
AT90-0106 MACOM-AT90-0106 Datasheet
279Kb / 6P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
AT90-0106 MA-COM-AT90-0106 Datasheet
169Kb / 7P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC - 2.4 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com