Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007081-000100 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007081-000100
Description  Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007081-000100 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007081-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007081-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007081-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007081-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007081-000100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007081-000100 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-007081-000100 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Digital Attenuator
15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
Rev. V4
MAAD-007081-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
DC - 3.5 GHz
dB
2.8
3.2
Attenuation Accuracy
Individual Bits 0.5-1-4-8 dB
Individual Bit 2 dB
Any Combination of Bits
1 to 15.5 dB
DC - 3.5 GHz
DC - 3.5 GHz
DC - 3.5 GHz
dB
dB
dB
±(.3 +5% of atten setting)
±(.4 +10% of atten setting)
±(.5 +7% of atten setting)
VSWR
Full Range
DC - 3.5 GHz
Ratio
1.6:1
1.8:1
Switching Speed
50% Cntl to 90%/10% RF
10% to 90% or 90% to 10%
ns
ns
75
20
150
50
1 dB Compression
50 MHz
0.5 - 3.5 GHz
dBm
dBm
+21
+29
Input IP3
Two-tone inputs up to +5 dBm
50 MHz
0.5-3.5 GHz
dB
dB
+35
+48
Vcc
Vee
V
V
4.75
-8.0
5.0
-5.0
5.25
-4.75
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
V
0.0
2.0
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
uA
-1.0
1.0
Icc
(Quiescent Supply Current)
Vcntrl = VCC or GND
uA
250
400
ΔIcc
(Additional Supply Current
Per TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
mA
1.0
IEE
VEE min to max, Vin = VIL or VIH
mA
-1.0
-0.2
Thermal Resistance θjc
°C/W
15


Similar Part No. - MAAD-007081-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007081-000100 MACOM-MAAD-007081-000100 Datasheet
293Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
806Kb / 8P
   Small Footprint, JEDEC Package
MAAD-007081-000100 MA-COM-MAAD-007081-000100_15 Datasheet
164Kb / 7P
   Digital Attenuator
More results

Similar Description - MAAD-007081-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-0283 MA-COM-AT90-0283 Datasheet
163Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAATCC0014 MA-COM-MAATCC0014 Datasheet
164Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
AT90-0283 MACOM-AT90-0283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MACOM-AT90-1283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
AT90-1283 MA-COM-AT90-1283 Datasheet
163Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
MAAD-007081-000100 MACOM-MAAD-007081-000100 Datasheet
293Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com