Electronic Components Datasheet Search |
|
MAAD-007083-000100 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAAD-007083-000100 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 4 page Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz Rev. V4 MAAD-007083-000100 • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.4155721 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 1 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Features • Attenuation: 1.0 dB Steps to 31 dB • High Accuracy to 6 GHz • Small Footprint, JEDEC Package • Integral TTL driver • 50 ohm impedance • Test boards are available • Tape and Reel Packaging Available • Lead-Free CSP-1 Package • 100% Matte Tin Plating over Copper • Halogen-Free “Green” Mold Compound • 260°C Reflow Compatible • RoHS* Compliant Version of AT90-0001 Description M/A-COM’s MAAD-007083-000100 is a GaAs FET 5-bit digital attenuator with an integral TTL driver. Step size is 1.0 dB providing 31 dB total attenuation range. This device is in a 32 lead FQFP-N surface mount package. Due to superior grounding tech- niques this digital attenuator offers superior perform- ance to 6 GHz. The MAAD-007083-000100 is ideally suited for use where accuracy, fast speed, very low power consumption and low costs are required. Ordering Information Part Number Package MAAD-007083-000100 Bulk Packaging MAAD-007083-0001TR 1000 piece reel MAAD-007083-0001TB Sample Test Board Note: Reference Application Note M513 for reel size information. Functional Schematic Pin Configuration 1 Pin No. Function Pin No. Function 1 NC 17 NC 2 C16 18 NC 3 C8 19 NC 4 C4 20 NC 5 C2 21 NC 6 C1 22 NC 7 GND 23 NC 8 NC 24 NC 9 NC 25 NC 10 NC2 26 GND 11 GND 27 RF2 12 RF1 28 GND 13 GND 29 NC2 14 NC 30 -Vee 15 NC 31 NC 16 NC 32 +Vcc * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1. The exposed pad centered on the package bottom must be connected to RF and DC ground. (For PQFN Packages) 2. Pins 10 and 29 must be isolated. |
Similar Part No. - MAAD-007083-000100 |
|
Similar Description - MAAD-007083-000100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |