Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007086-0001TR Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007086-0001TR
Description  Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007086-0001TR Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007086-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Digital Attenuator
50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
Rev. V3
MAAD-007086-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
4 dB VSWR (S11, S22)
8 dB VSWR (S11, S22)
16 dB VSWR (S11, S22)
Typical Performance Curves
32 dB VSWR (S11, S22)
50 dB VSWR (S11, S22)
2 dB VSWR (S11, S22)
2 dB VSWR (S11,S22)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
S22
S11
4 dB VSWR (S11,S22)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
S22
S11
8 dB VSWR (S11,S22)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
S22
S11
16 dB VSWR (S11,S22)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
S22
S11
32 dB VSWR (S11,S22)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
S22
S11
50 dB VSWR (S11,S22)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
S22
S11


Similar Part No. - MAAD-007086-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007086-0001TR MACOM-MAAD-007086-0001TR Datasheet
260Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC2.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007086-0001TR MA-COM-MAAD-007086-0001TR Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-007086-0001TR MA-COM-MAAD-007086-0001TR Datasheet
719Kb / 7P
   Test Boards are Available
More results

Similar Description - MAAD-007086-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0106 MACOM-AT65-0106 Datasheet
271Kb / 5P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT65-0106 MA-COM-AT65-0106 Datasheet
142Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT65-0107 MACOM-AT65-0107 Datasheet
301Kb / 5P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT20-0106 MA-COM-AT20-0106 Datasheet
134Kb / 4P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT20-0107 MA-COM-AT20-0107 Datasheet
172Kb / 4P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-107-PIN MA-COM-AT-107-PIN_15 Datasheet
636Kb / 5P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT20-0107 MACOM-AT20-0107 Datasheet
305Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com