Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-008789-0001TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-008789-0001TR
Description  Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-4.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-008789-0001TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-008789-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-008789-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-008789-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-008789-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-008789-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-008789-0001TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Digital Attenuator
32.0 dB, 2-Bit, TTL Driver, DC-4.0 GHz
Rev. V1
MAAD-008789-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω, VCC = +5.0V, VEE = -5.0V
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Operating Power
dBm
+20
Insertion Loss
DC - 4.0 GHz
dB
0.9
Attenuation Accuracy
Relative to Reference Loss State
16 dB Bit (C1 Control)
32 dB Attenuation
DC - 4.0 GHz
DC - 4.0 GHz
±(0.2 +3% of atten setting in dB)
±(0.2 +3% of atten setting in dB)
Reference Loss
DC - 4.0 GHz
Ratio
1.5:1
16 dB Bit (C1 Control)
or 32 dB Attenuation
DC - 4.0 GHz
Ratio
1.8:1
Switching Speed
Ton
Toff
Trise
Tfall
1.3 V Cntl to 90% RF
1.3 V Cntl to 10% RF
10% RF to 90% RF
90% RF to 10% RF
__
__
ns
ns
ns
ns
190
15
190
6
1 dB Compression3
Reference State
Reference State
50 MHz
0.5 - 4.0 GHz
dBm
dBm
+25
>+27
Input IP3
Two-tone inputs up to
+5 dBm at reference state
50 MHz
0.5-4.0 GHz
dBm
dBm
+40
+40
Vcc
Vee
V
V
4.75
-8.0
5.0
-5.0
5.25
-4.75
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
V
0.0
1.8
0
2.0
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
uA
-1
1
Icc
(Quiescent Supply Current)
Vcntrl = VCC or GND
uA
250
400
ΔIcc
(Additional Supply Current Per
TTL Input Pin)
VCC = Max
Vcntrl = VCC - 2.1 V
mA
1.5
IEE
VEE min to max
Vin = VIL or VIH
mA
-1.0
-0.2
Thermal Resistance θjc
°C/W
15
VSWR
3.
1 dB Compression was measured up to +27 dBm, which is the absolute maximum rating for this device.


Similar Part No. - MAAD-008789-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-008790 MA-COM-MAAD-008790 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
208Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
209Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
More results

Similar Description - MAAD-008789-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-273-PIN MA-COM-AT-273-PIN Datasheet
106Kb / 4P
   Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz
AT20-0273 MA-COM-AT20-0273 Datasheet
105Kb / 4P
   Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0263 MACOM-AT90-0263 Datasheet
268Kb / 5P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT90-0413 MA-COM-AT90-0413 Datasheet
178Kb / 7P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-1413 MA-COM-AT90-1413 Datasheet
155Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
182Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com