Electronic Components Datasheet Search |
|
MAAD-008789-0001TR Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc. |
|
MAAD-008789-0001TR Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc. |
3 / 6 page Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-4.0 GHz Rev. V1 MAAD-008789-000100 • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.4155721 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 3 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Absolute Maximum Ratings 4,5 Parameter Absolute Maximum Max. Input Power +27 dBm VCC -0.5V ≤ VCC ≤ +7.0V VEE -8.5V ≤ VEE ≤ +0.5V VCC - VEE -0.5V ≤ VCC - VEE ≤ 14.5V Vin6 -0.5V ≤ Vin ≤ VCC + 0.5V Operating Temperature -40ºC to +85ºC Storage Temperature -65ºC to +125ºC 4. Exceeding any one or combination of these limits may cause permanent damage to this device. 5. M/A-COM does not recommend sustained operation near these survivability limits. 6. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply. Recommended PCB Configuration 7 7. Application Note S2083 is available on line at www.macom.com Truth Table (Digital Attenuator) 8 C2 C1 Attenuation 0 0 Loss, Reference 0 1 16.0 dB 1 1 32.0 dB Handling Procedures Please observe the following precautions to avoid damage: Static Sensitivity Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices. Moisture Sensitivity The MSL rating for this part is defined as Level 2 per IPC/JEDEC J-STD-020. Parts shall be stored and/or baked as required for MSL Level 2 parts. 0 = TTL Low; 1 = TTL High 8. C1 is specified as the control for the 16 dB bit. We show data for the performance with the C2 control - note that the electrical performance of the 16 dB bit controlled by C2 is not specified. |
Similar Part No. - MAAD-008789-0001TR |
|
Similar Description - MAAD-008789-0001TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |