Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-008789-0001TB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-008789-0001TB
Description  Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-4.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-008789-0001TB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAD-008789-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-008789-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-008789-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-008789-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-008789-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-008789-0001TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Digital Attenuator
32.0 dB, 2-Bit, TTL Driver, DC-4.0 GHz
Rev. V1
MAAD-008789-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
4,5
Parameter
Absolute Maximum
Max. Input Power
+27 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
Vin6
-0.5V ≤ Vin ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
4.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
5.
M/A-COM does not recommend sustained operation near
these survivability limits.
6.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Recommended PCB Configuration
7
7.
Application Note S2083 is available on line at
www.macom.com
Truth Table (Digital Attenuator)
8
C2
C1
Attenuation
0
0
Loss, Reference
0
1
16.0 dB
1
1
32.0 dB
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Moisture Sensitivity
The MSL rating for this part is defined as Level 2
per IPC/JEDEC J-STD-020. Parts shall be stored
and/or baked as required for MSL Level 2 parts.
0 = TTL Low; 1 = TTL High
8.
C1 is specified as the control for the 16 dB bit. We show
data for the performance with the C2 control - note that the
electrical performance of the 16 dB bit controlled by C2 is
not specified.


Similar Part No. - MAAD-008789-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-008790 MA-COM-MAAD-008790 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
208Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
209Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
More results

Similar Description - MAAD-008789-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-273-PIN MA-COM-AT-273-PIN Datasheet
106Kb / 4P
   Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz
AT20-0273 MA-COM-AT20-0273 Datasheet
105Kb / 4P
   Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0263 MACOM-AT90-0263 Datasheet
268Kb / 5P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT90-0413 MA-COM-AT90-0413 Datasheet
178Kb / 7P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-1413 MA-COM-AT90-1413 Datasheet
155Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
182Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com