Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-008791-000100 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-008791-000100
Description  Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-3.0 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-008791-000100 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAD-008791-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-008791-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-008791-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-008791-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-008791-000100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-008791-000100 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-008791-000100 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Digital Attenuator
31.5 dB, 6-Bit, TTL Driver, DC-3.0 GHz
Rev. V1
MAAD-008791-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Attenuation - 31.5 dB Attenuation vs. Frequency
VSWR - Reference State vs. Frequency
Typical Performance Curves
Attenuation - 16 dB Bit vs. Frequency
VSWR - 0.5 dB Bit vs. Frequency
VSWR - 1 dB Bit vs. Frequency
VSWR - 2 dB Bit vs. Frequency
15.0
15.5
16.0
16.5
17.0
17.5
0.0
1.0
2.0
3.0
4.0
Frequency (GHz)
30.0
31.0
32.0
33.0
34.0
0.0
1.0
2.0
3.0
4.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
0.01.0
2.03.0
4.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
0.0
1.0
2.0
3.0
4.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
0.01.0
2.03.0
4.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
0.0
1.0
2.0
3.0
4.0
Frequency (GHz)
85ºC
-40ºC
25ºC
85ºC
-40ºC
25ºC
RF1
RF2
RF1
RF2
RF1
RF2
RF1
RF2


Similar Part No. - MAAD-008791-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-008790 MA-COM-MAAD-008790 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
208Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
209Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
More results

Similar Description - MAAD-008791-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT-107 MACOM-AT-107 Datasheet
235Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Tyco Electronics
AT20-0107 MACOM-AT20-0107 Datasheet
305Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0005 MA-COM-MAATCC0005 Datasheet
151Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0011 MA-COM-MAATCC0011 Datasheet
189Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-1107 MA-COM-AT90-1107 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com