Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-008790-0001TB Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-008790-0001TB
Description  Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-008790-0001TB Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAAD-008790-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-008790-0001TB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Constant Phase Digital Attenuator
31.0 dB, 5-Bit, TTL Driver, DC-4.0 GHz
Rev. V1
MAAD-008790-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
VSWR - Reference State vs. Frequency
VSWR - 1 dB Bit vs. Frequency
Typical Performance Curves
Phase - 31 dB Attenuation vs. Frequency
Relative to Reference Loss State
VSWR - 2 dB Bit vs. Frequency
VSWR - 4 dB Bit vs. Frequency
VSWR - 8 dB Bit vs. Frequency
-4.00
0.00
4.00
8.00
12.00
01
234
5
6
Frequency (GHz)
-40ºC
85ºC
25ºC
1.00
1.20
1.40
1.60
1.80
2.00
01
23
45
6
Frequency (GHz)
1.00
1.20
1.40
1.60
1.80
2.00
0
1
2
3456
Frequency (GHz)
1.00
1.20
1.40
1.60
1.80
2.00
01
234
56
Frequency (GHz)
1.00
1.20
1.40
1.60
1.80
2.00
01
234
56
Frequency (GHz)
1.00
1.20
1.40
1.60
1.80
2.00
012
3456
Frequency (GHz)
RF2
RF1
RF2
RF1
RF2
RF1
RF2
RF1
RF2
RF1


Similar Part No. - MAAD-008790-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-008790-0001TB MA-COM-MAAD-008790-0001TB Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-008790-0001TB MA-COM-MAAD-008790-0001TB Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
More results

Similar Description - MAAD-008790-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
209Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-009260-000100 MA-COM-MAAD-009260-000100 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-009171-000100 MA-COM-MAAD-009171-000100 Datasheet
202Kb / 6P
   Digital Attenuator, Constant Phase 32 dB, 2-Bit, TTL Driver, DC-4.0 GHz
MAAD-009194-000100 MA-COM-MAAD-009194-000100 Datasheet
223Kb / 9P
   Constant Phase Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-009195-000100 MA-COM-MAAD-009195-000100 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT20-0273 MACOM-AT20-0273 Datasheet
220Kb / 3P
   Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2 GHz
AT-273 MACOM-AT-273 Datasheet
205Kb / 2P
   Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
logo
Tyco Electronics
AT65-0413 MACOM-AT65-0413 Datasheet
246Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com