Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-009170-0001TR Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-009170-0001TR
Description  Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-009170-0001TR Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAD-009170-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Digital Attenuator, Constant Phase
15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
Rev. V1
MAAD-009170-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Phase - 0.5 dB Bit vs. Frequency
Relative to Reference Loss State
Phase - 1 dB Bit vs. Frequency
Relative to Reference Loss State
Typical Performance Curves
Attenuation - 15.5 dB Attenuation vs. Frequency
Phase - 2 dB Bit vs. Frequency
Relative to Reference Loss State
Phase - 4 dB Bit vs. Frequency
Relative to Reference Loss State
Phase - 8 dB Bit vs. Frequency
Relative to Reference Loss State
15.0
15.2
15.4
15.6
15.8
16.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
-1.0
0.0
1.0
2.0
3.0
0.00.5
1.01.5
2.02.5
3.03.5
4.0
Frequency (GHz)
-1.0
0.0
1.0
2.0
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
0.00.5
1.01.5
2.02.5
3.03.5
4.0
Frequency (GHz)
-4.0
-2.0
0.0
2.0
4.0
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
-4.0
-2.0
0.0
2.0
4.0
6.0
0.00.5
1.01.5
2.02.5
3.0
3.5
4.0
Frequency (GHz)
85ºC
25ºC
-40ºC
85ºC
25ºC
-40ºC
85ºC
25ºC
-40ºC
85ºC
25ºC
-40ºC
85ºC
25ºC
-40ºC
85ºC
25ºC
-40ºC


Similar Part No. - MAAD-009170-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009170-0001TR MA-COM-MAAD-009170-0001TR Datasheet
899Kb / 9P
   Minimal Phase Variation over Attenuation Range
More results

Similar Description - MAAD-009170-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009195-000100 MA-COM-MAAD-009195-000100 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-0283 MA-COM-AT90-0283 Datasheet
163Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAATCC0014 MA-COM-MAATCC0014 Datasheet
164Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
AT90-0283 MACOM-AT90-0283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MACOM-AT90-1283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com