Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-009170-0001TB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-009170-0001TB
Description  Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-009170-0001TB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAD-009170-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-009170-0001TB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Digital Attenuator, Constant Phase
15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
Rev. V1
MAAD-009170-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Attenuation: 0.5 dB Steps to 15.5 dB
• Minimal Phase Variation over Attenuation Range
• Low DC Power Consumption
• Small Footprint, PQFN Package
• Integral TTL Driver
• 50 ohm Impedance
• Test Boards are Available
• RoHS* Compliant
Description
M/A-COM's MAAD-009170-000100 is a GaAs
pHEMT 5-bit digital attenuator with integral TTL
driver in an PQFN plastic surface mount package.
Step size is 0.5 dB providing a 15.5 dB total
attenuation range. This design has been optimized
to minimize phase variation over the attenuation
range. MAAD-009170-000100 is ideally suited for
use where accuracy, fast switching, very low power
consumption and low intermodulation products are
required. Typical applications include dynamic range
setting in precision receiver circuits and other gain/
leveling control circuits.
Ordering Information
Part Number
Package
MAAD-009170-000100
Bulk Packaging
MAAD-009170-0001TR
1000 piece reel
MAAD-009170-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
1
Pin No.
Function
Pin No.
Function
1
GND
17
NC
2
C5
18
NC
3
C4
19
NC
4
C3
20
NC
5
C2
21
NC
6
C1
22
NC
7
GND
23
NC
8
NC
24
NC
9
NC
25
NC
10
NC2
26
GND
11
GND
27
RF2
12
RF1
28
GND
13
GND
29
NC2
14
NC
30
Vee
15
NC
31
NC
16
NC
32
+Vcc
1.
The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)
2.
Pins 10 & 29 must be isolated
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.


Similar Part No. - MAAD-009170-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009170-0001TB MA-COM-MAAD-009170-0001TB Datasheet
899Kb / 9P
   Minimal Phase Variation over Attenuation Range
More results

Similar Description - MAAD-009170-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009195-000100 MA-COM-MAAD-009195-000100 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-0283 MA-COM-AT90-0283 Datasheet
163Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAATCC0014 MA-COM-MAATCC0014 Datasheet
164Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
AT90-0283 MACOM-AT90-0283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MACOM-AT90-1283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com