Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-009171-0001TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-009171-0001TR
Description  Digital Attenuator, Constant Phase 32 dB, 2-Bit, TTL Driver, DC-4.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-009171-0001TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-009171-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-009171-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-009171-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-009171-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-009171-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-009171-0001TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Digital Attenuator, Constant Phase
32 dB, 2-Bit, TTL Driver, DC-4.0 GHz
Rev. V1
MAAD-009171-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω, VCC = +5.0V, VEE = -5.0V
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Operating Power3
dBm
+20
Reference Insertion Loss
DC - 2.0 GHz
2.0 - 4.0 GHz
dB
dB
1.9
2.2
Attenuation Accuracy4
16 dB Bit (C1 Control)
32 dB Attenuation
DC - 4.0 GHz
DC - 4.0 GHz
Phase Accuracy
Relative to Reference Loss State
16 dB Bit (C1 Control)
16 dB Bit (C1 Control)
32 dB Attenuation
32 dB Attenuation
DC - 2.0 GHz
2.0 - 4.0 GHz
DC - 2.0 GHz
2.0 - 4.0 GHz
deg
deg
deg
deg
±4º
±5º
±8º
±9º
VSWR
Reference Loss,
16 dB Bit (C1 Control),
or 32 dB Attenuation
DC - 4.0 GHz
Ratio
1.8:1
Switching Speed
Ton
Toff
Trise
Tfall
1.3 V Cntl to 90% RF
1.3 V Cntl to 10% RF
10% RF to 90% RF
90% RF to 10% RF
__
__
ns
ns
ns
ns
42
30
19
16
1 dB Compression5
Reference State
Reference State
0.05 GHz
0.5 - 4.0 GHz
dBm
dBm
>+26
>+26
Input IP3
Two-tone inputs
up to +5 dBm
0.05-4.0 GHz
dBm
+42
+42
Vcc
Vee
V
V
4.5
-8.0
5.0
-5.0
5.5
-4.5
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
V
0.0
2.0
0.0
5.0
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
uA
-1
1
Icc
(Quiescent Supply Current)
Vcntrl = VCC or GND
uA
250
400
ΔIcc
(Additional Supply Current Per
TTL Input Pin)
VCC = Max
Vcntrl = VCC - 2.1 V
mA
1.5
IEE
VEE min to max
Vin = VIL or VIH
mA
-1.0
-0.2
Thermal Resistance θjc
°C/W
35
dB
dB
Input IP2
Two-tone inputs
up to +5 dBm
0.05-4.0 GHz
dBm
+55
+77
15.5
30.8
16.8
34.0
3.
Maximum operating power is specified with the input applied to RF1. If the input is applied to RF2, then maximum operating power is +16 dBm.
4.
This attenuator is guaranteed monotonic.
5.
1 dB Compression was measured up to +26 dBm, which is the absolute maximum rating for this device.


Similar Part No. - MAAD-009171-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009170 MA-COM-MAAD-009170 Datasheet
899Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
899Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAAD-009170-000100 MA-COM-MAAD-009170-000100_15 Datasheet
234Kb / 8P
   Digital Attenuator
More results

Similar Description - MAAD-009171-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
209Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
208Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-009260-000100 MA-COM-MAAD-009260-000100 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-008789-000100 MA-COM-MAAD-008789-000100 Datasheet
168Kb / 6P
   Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-4.0 GHz
logo
Tyco Electronics
AT20-0273 MACOM-AT20-0273 Datasheet
220Kb / 3P
   Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2 GHz
AT-273 MACOM-AT-273 Datasheet
205Kb / 2P
   Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2.0 GHz
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0263 MACOM-AT90-0263 Datasheet
268Kb / 5P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com