Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-009194-0001TB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-009194-0001TB
Description  Constant Phase Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-009194-0001TB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAD-009194-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-009194-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-009194-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-009194-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-009194-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-009194-0001TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-009194-0001TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-009194-0001TB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAD-009194-0001TB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Constant Phase Digital Attenuator
31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Rev. V1
MAAD-009194-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Recommended PCB Configuration
Absolute Maximum Ratings
4,5
Parameter
Absolute Maximum
Max Input Power
DC - 3.0 GHz
+26 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
Vin6
-0.5V ≤ Vin ≤ VCC + 0.5V
4.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
5.
M/A-COM does not recommend sustained operation near
these survivability limits.
6.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table (Digital Attenuator)
Control Inputs
C5
C4
C3
C2
C1
Attenuation
0
0
0
0
0
Reference
0
0
0
0
1
16 dB
0
0
0
1
0
1 dB
0
0
1
0
0
2 dB
0
1
0
0
0
4 dB
1
0
0
0
0
8 dB
1
1
1
1
31 dB
1
0 = TTL Low; 1 = TTL High


Similar Part No. - MAAD-009194-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009194-000100 MA-COM-MAAD-009194-000100 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2_15 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009194-000100_V2 MA-COM-MAAD-009194-000100_V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
More results

Similar Description - MAAD-009194-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1263 MACOM-AT90-1263 Datasheet
775Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT90-0263 MA-COM-AT90-0263 Datasheet
157Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT90-1263 MA-COM-AT90-1263 Datasheet
160Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAATCC0010 MA-COM-MAATCC0010 Datasheet
158Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-009195-000100 MA-COM-MAAD-009195-000100 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-263-PIN MA-COM-AT-263-PIN Datasheet
123Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com