Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-009195-000100 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-009195-000100
Description  Constant Phase Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-009195-000100 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-009195-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-009195-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-009195-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-009195-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-009195-000100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-009195-000100 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-009195-000100 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-009195-000100 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Constant Phase Digital Attenuator
15.5 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Rev. V1
MAAD-009195-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω, VCC = +5.0V, VEE = -5.0V
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Operating Power 2
dBm
+20
Reference Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
4.0
5.0
5.3
Attenuation Accuracy 3
Any Single Bit
Any Combination of Bits
DC - 3.0 GHz
DC - 3.0 GHz
± (0.2 + 2% of attenuation setting in dB) dB
± (0.2 + 2% of attenuation setting in dB) dB
Phase Accuracy
Relative to Reference Loss State
Any Single Bit
Any Single Bit
Any Combination of Bits
Any Combination of Bits
Any Combination of Bits
DC - 2.0 GHz
2.0 - 3.0 GHz
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
deg
deg
deg
deg
deg
± 3
± 4
± 3
± 4
± 7
VSWR
DC - 3.0 GHz
Ratio
1.8:1
Switching Speed
Ton
Toff
Trise
Tfall
1.3 V Cntl to 90% RF
1.3 V Cntl to 10% RF
10% RF to 90% RF
90% RF to 10% RF
__
__
ns
ns
ns
ns
47
24
23
13
1 dB Compression 4
Reference State
Reference State
0.05 GHz
0.5 - 3.0 GHz
dBm
dBm
>+26
>+26
Input IP3
For two-tone Input Power
up to +5 dBm
0.05 GHz
0.5 - 3.0 GHz
dBm
dBm
+43
+40
Input IP2
For two-tone Input Power
up to +5 dBm
0.05 GHz
0.5 - 3.0 GHz
dBm
dBm
+50
+72
Vcc
Vee
V
V
4.5
-8.0
5.0
-5.0
5.5
-4.5
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
V
0.0
2.0
0.0
5.0
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
uA
-1
1
Icc
(Quiescent Supply Current)
Vcntrl = VCC or GND
uA
250
400
ΔIcc
(Additional Supply Current Per
TTL Input Pin)
VCC = Max
Vcntrl = VCC - 2.1 V
mA
1.5
Iee
VEE min to max
Vin = VIL or VIH
mA
-1.0
-0.2
Thermal Resistance θjc
°C/W
50
2. Maximum input power is specified with power applied to RF1. If power is applied to RF2, then maximum
operating power is +16 dBm.
3. This attenuator is guaranteed monotonic.
4. 1 dB Compression was measured up to +26 dBm, which is the absolute maximum rating for this device.


Similar Part No. - MAAD-009195-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009195-000100 MA-COM-MAAD-009195-000100 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009195-000100 MA-COM-MAAD-009195-000100 Datasheet
828Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAAD-009195-000100 MA-COM-MAAD-009195-000100_15 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator
More results

Similar Description - MAAD-009195-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009194-000100 MA-COM-MAAD-009194-000100 Datasheet
223Kb / 9P
   Constant Phase Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-0283 MA-COM-AT90-0283 Datasheet
163Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAATCC0014 MA-COM-MAATCC0014 Datasheet
164Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
AT90-0283 MACOM-AT90-0283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MACOM-AT90-1283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com