Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA04 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA04
Description  Power Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA04 Datasheet(HTML) 2 Page - Cirrus Logic

  PA04 Datasheet HTML 1Page - Cirrus Logic PA04 Datasheet HTML 2Page - Cirrus Logic PA04 Datasheet HTML 3Page - Cirrus Logic PA04 Datasheet HTML 4Page - Cirrus Logic PA04 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA04 • PA04A
2
PA04U
ABSOLUTEMAXIMUMRATINGS
SUPPLY VOLTAGE, +V
S to –VS
200V
BOOST VOLTAGE
SUPPLY VOLTAGE +20V
OUTPUT CURRENT, within SOA
20A
POWER DISSIPATION, internal
200W
INPUT VOLTAGE, differential
±20V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder - 10s
300°C
TEMPERATURE, junction2
150°C
TEMPERATURE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
SPECIFICATIONS
PA04
PA04A
PARAMETER
TEST CONDITIONS 1
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
5
10
2
5
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
30
50
10
30
µV/°C
OFFSET VOLTAGE, vs. supply
15
*
µV/V
OFFSET VOLTAGE, vs. power
Full temperature range
30
10
µV/W
BIAS CURRENT, initial
10
50
5
20
pA
BIAS CURRENT, vs. supply
.01
*
pA/V
OFFSET CURRENT, initial
10
50
5
20
pA
INPUT IMPEDANCE, DC
1011
*
Ω
INPUT CAPACITANCE
13
*
pF
COMMON MODE VOLTAGE RANGE
Full temperature range
±V
B-8
*
V
COMMON MODE REJECTION, DC
Full temp. range, V
CM = ±20V
86
98
*
*
dB
INPUT NOISE
100kHz BW, R
S = 1KΩ
10
*
µVrms
GAIN
OPEN LOOP, @ 15Hz
Full temperature range, C
C = 100pF
94
102
*
*
dB
GAIN BANDWIDTH PRODUCT
I
O = 10A
2
*
MHz
POWER BANDWIDTH
R
L = 4.5Ω, VO = 180V p-p
90
*
kHz
C
C = 100pF, RC = 120Ω
PHASE MARGIN
Full temperature range
60
*
°
OUTPUT
VOLTAGE SWING
I
O = 15A
±V
S-8.8
±V
S-7.5
*
*
V
VOLTAGE SWING
V
BOOST = Vs + 5V, IO = 20A
±V
S-6.8
±V
S-5.5
*
*
V
CURRENT, peak
20
*
A
SETTLING TIME to .1%
A
V = 1, 10V step, RL = 4Ω
2.5
*
µs
SLEW RATE
A
V = 10, CC = 100pF, RC = 120Ω
40
50
*
V/µs
CAPACITIVE LOAD
Full temperature range, A
V = +1
10
*
nF
RESISTANCE
2
*
Ω
POWER SUPPLY
VOLTAGE
Full temperature range
±15
±75
±100
*
*
*
V
CURRENT, quiescent, boost supply
30
40
*
*
mA
CURRENT, quiescent, total
70
90
*
*
mA
CURRENT, quiescent, total, sleep mode Full temperature range
3
5
*
*
mA
THERMAL
RESISTANCE, AC, junction to case3
Full temperature range, F>60Hz
.3
.4
*
*
°C/W
RESISTANCE, DC, junction to case
Full temperature range, F<60Hz
.5
.6
*
*
°C/W
RESISTANCE4, junction to air
Full temperature range
12
*
°C/W
TEMPERATURE RANGE, case
Meets full range specification
–25
85
*
*
°C
NOTES: *
The specification of PA04A is identical to the specification for PA04 in applicable column to the left.
1. Unless otherwise noted: T
C = 25°C, CC = 470pF, RC = 120 ohms. DC input specifications are ± value given. Power supply volt-
age is typical rating. ±V
BOOST = ±VS.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF. For guidance, refer to the heatsink data sheet.
3. Rating applies if the output current alternates between both output transistors at a rate faster than 60 Hz.
4. The PA04 must be used with a heatsink or the quiescent power may drive the unit to junction temperatures higher than 150°C.
The PA04 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION


Similar Part No. - PA04

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA04 APEX-PA04 Datasheet
60Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
logo
AZ Displays
PA040XS1 AZDISPLAYS-PA040XS1 Datasheet
676Kb / 25P
   This technical specification applies to 4inch color TFT-LCD module, PA040XS1
logo
Pulse A Technitrol Comp...
PA0423 PULSE-PA0423 Datasheet
125Kb / 2P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0430L PULSE-PA0430L Datasheet
111Kb / 2P
   THT POWER INDUCTORS
PA0430L PULSE-PA0430L Datasheet
414Kb / 2P
   THT Power Inductors
More results

Similar Description - PA04

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com