Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSM5XAC3C1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSM5XAC3C1E
Description  9.2x8x1.92mm Commercial 3 Power Warm White LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSM5XAC3C1E Datasheet(HTML) 1 Page - OptoSupply International

  OSM5XAC3C1E Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
9
9..2
2x
x8
8x
x1
1..9
92
2m
mm
m C
Co
om
mm
me
er
rc
ciia
all 3
3 P
Po
ow
we
er
r W
Wa
ar
rm
m W
Wh
hiitte
e
L
LE
ED
D
OSM5XAC3C1E
Features
Outline Dimension
Highest luminous flux
Super energy efficiency
Very long operating life (up to 100K hours)
Superior ESD protection
No UV
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
0.7
5.7
1.5
0.6
Back View
Anode
Cathode
Unite:mm
Tolerance: 0.30
0.10
2
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
800
mA
Pulse Forward Current*
IFP
1000
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
3200
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=700mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Flux
Φ
v
IF=700mA
-
90
120
lm
Color Temperature
CCT
IF=700mA
-
3000
-
K
x
IF=700mA
-
0.45
-
-
Chromaticity
Coordinates*
y
IF=700mA
-
0.41
-
-
50% Power Angle
1/2
IF=700mA
-
120
-
deg
0
025
50
75
125
Ambient Temperature, TA ()
100
100
200
300
400
500
600
700
800
RJ-A=30
/W
RJ-A=25
/W
RJ-A
=20
/W
RJ-A=15
/W
Note: Don’t drive at rated current more than 5s without heat sink for Commercial 3 Power emitter series.
LED & Application Technologies


Similar Part No. - OSM5XAC3C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5XAC1C1E OPTOSUPPLY-OSM5XAC1C1E Datasheet
118Kb / 1P
   9.2x8x1.92mm Commercial 1 Power Warm White LED
OSM5XACHC1E OPTOSUPPLY-OSM5XACHC1E Datasheet
117Kb / 1P
   9.2x8x1.92mm Commercial H Power Warm White LED
More results

Similar Description - OSM5XAC3C1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5XACHC1E OPTOSUPPLY-OSM5XACHC1E Datasheet
117Kb / 1P
   9.2x8x1.92mm Commercial H Power Warm White LED
OSM5XAC1C1E OPTOSUPPLY-OSM5XAC1C1E Datasheet
118Kb / 1P
   9.2x8x1.92mm Commercial 1 Power Warm White LED
OSW4XAC3C1E OPTOSUPPLY-OSW4XAC3C1E Datasheet
119Kb / 1P
   9.2x8x1.92mm Commercial 3 Power Cool White LED
OSW4XAC1C1E OPTOSUPPLY-OSW4XAC1C1E Datasheet
118Kb / 1P
   9.2x8x1.92mm Commercial 1 Power Cool White LED
OSW4XACHC1E OPTOSUPPLY-OSW4XACHC1E Datasheet
117Kb / 1P
   9.2x8x1.92mm Commercial H Power Cool White LED
OSG3XAC3C1E OPTOSUPPLY-OSG3XAC3C1E Datasheet
119Kb / 1P
   9.2x8x1.92mm Commercial 3 Power Cyan LED
OSG5XAC3C1E OPTOSUPPLY-OSG5XAC3C1E Datasheet
119Kb / 1P
   9.2x8x1.92mm Commercial 3 Power Pure Green LED
OSM5XME3C1E OPTOSUPPLY-OSM5XME3C1E Datasheet
119Kb / 1P
   Xeon 3 Power Warm White LED
OSM5XAT3C1E OPTOSUPPLY-OSM5XAT3C1E Datasheet
107Kb / 1P
   5x5x1.3mmTops 3 Power Warm White LED
OSM5XNE3E1E_VER.C.2 OPTOSUPPLY-OSM5XNE3E1E_VER.C.2 Datasheet
177Kb / 2P
   xeon 3 power warm white led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com