Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG30 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # CG30
Description  Voltage-Controlled Attenuator Module 100 to 2000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CG30 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  CG30 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CG30 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CG30 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Voltage-Controlled Attenuator Module
100 to 2000 MHz
Rev. V3
G30 / SMG30
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Outline Drawing: SMA Connectorized
*
Absolute Maximum Ratings
Parameter
Absolute Maxi-
mum
Storage Temperature
-62ºC to +125ºC
Maximum Case Temperature
125ºC
Maximum DC Voltage
+18 V
Maximum DC Bias Voltage
+20 V
Maximum Short Term RF
Input power
(1 minute max.)
200 mW
Maximum Peak Power
(3 µsec max.)
1 W
“S” Series Burn-In
Temperature (case)
+125ºC
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount
*
Outline Drawing: TO-8
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


Similar Part No. - CG30

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CG30 MACOM-CG30 Datasheet
469Kb / 3P
   Voltage-Controlled Attenuator Module 100 to 2000 MHz
logo
Schurter Inc.
CG30.6101.151 SCHURTER-CG30.6101.151 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
More results

Similar Description - CG30

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
G30 MACOM-G30 Datasheet
469Kb / 3P
   Voltage-Controlled Attenuator Module 100 to 2000 MHz
logo
M/A-COM Technology Solu...
SMG2 MA-COM-SMG2 Datasheet
1Mb / 3P
   Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
Tyco Electronics
SMG1 MACOM-SMG1 Datasheet
492Kb / 3P
   Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MACOM-SMG2 Datasheet
471Kb / 3P
   Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
M/A-COM Technology Solu...
SMG1 MA-COM-SMG1 Datasheet
1Mb / 3P
   Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
Teledyne Technologies I...
GC2002 TELEDYNE-GC2002 Datasheet
125Kb / 1P
   5 TO 2000 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
UTF0030 TELEDYNE-UTF0030 Datasheet
135Kb / 5P
   Attenuator 100 to 2000 MHz
logo
Tyco Electronics
G40 MACOM-G40 Datasheet
468Kb / 3P
   Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
M/A-COM Technology Solu...
SMG40 MA-COM-SMG40 Datasheet
1Mb / 3P
   Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
Teledyne Technologies I...
GC2510 TELEDYNE-GC2510 Datasheet
161Kb / 2P
   10 TO 2500 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com